Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 49 Page - Microchip Technology

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR Datasheet(HTML) 49 Page - Microchip Technology

Back Button EMC2101-R-ACZL-TR Datasheet HTML 45Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 46Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 47Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 48Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 49Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 50Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 51Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 52Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
1Dh
1.72%
82.8%
55.2%
2Bh (74.1%)
6.21
24.3
1Eh
1.67%
80.0%
53.3%
2Dh (75.0%)
6.00
23.5
1Fh
1.61%
77.4%
51.6%
2Eh (74.2%)
5.81
22.7
TABLE 1:
FAN EFFECTIVE DUTY CYCLE RESOLUTION AND FREQUENCY (CONTINUED)
PWM_F [4:0]
Setting
Effective
Resolution (%)
Effective Duty Cycle
(at 75% FAN_SETTING)
EFFECTIVE Duty Cycle
(at 50% FAN_SETTING)
FAN_SETTING to Get
75% Duty Cycle
PWM FREQUENCY
at 360 kHz Base
Frequency (kHz)
PWM FREQUENCY
at 1.4 kHz Base
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com