Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 31 Page - Microchip Technology

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR Datasheet(HTML) 31 Page - Microchip Technology

Back Button EMC2101-R-ACZL-TR Datasheet HTML 27Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 28Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 29Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 30Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 31Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 32Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 33Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 34Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006703A-page 31
EMC2101
5.13
Beta Compensation Register
This register is used to set the Beta Compensation
factor that is used for the External Diode channel.
When using a diode-connected transistor (such as the
2N3904) or CPUs that implement the thermal diode as
a two-terminal diode, the CPU compensation circuit
must be disabled by writing a value of 07h to this
register.
REGISTER 5-11:
BETA COMPENSATION REGISTER (ADDRESS 18h)
RW
RW
RW
RW
RW
RW
RW
RW
—
—
—
—
ENABLE
BETA[2:0]
bit 7
bit 0
Legend:
RC = Read-then-clear bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
Unimplemented: Read as ‘0’
bit 3
ENABLE: Enables the Beta Compensation Factor Autodetection Algorithm.
1 = (default) The Beta Compensation Factor Autodetection circuitry is enabled. At the beginning of
every conversion, the circuitry will determine the optimal Beta Compensation factor setting and use
the detected setting. The value of the BETA[2:0] bits will be ignored.
0 = The Beta Compensation Factor Autodetection circuitry is disabled. The External Diode will always
use the Beta Compensation factor set by the BETA[2:0] bits.
bit 2-0
BETA: Selects the Beta Compensation factor that the External Diode will use if the autodetection cir-
cuitry is disabled. Table 5-3 shows the setting that should be used based on the expected beta value
of the substrate transistor connected to the External Diode channel.
Care should be taken when setting the BETA[2:0] bits. If the Beta Compensation factor is set at a beta
value that is higher than the transistor beta, then the circuit may introduce measurement errors.
TABLE 5-3:
CPU BETA VALUES
Enable
B2
B1
B0
Minimum Beta
00
0
0
0.11
00
0
1
0.18
00
1
0
0.25
00
1
1
0.33
01
0
0
0.43
01
0
1
1.00
01
1
0
2.33
01
1
1
Disabled
1
X
X
X
Automatic detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com