Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 38 Page - Microchip Technology

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR Datasheet(HTML) 38 Page - Microchip Technology

Back Button EMC2101-R-ACZL-TR Datasheet HTML 34Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 35Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 36Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 37Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 38Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 39Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 40Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 41Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
EMC2101
DS20006703A-page 38
 2022 Microchip Technology Inc. and its subsidiaries
5.22
Fan Control Look-Up Table
Registers
When the PROG bit in the Fan Configuration Register
(see Section 5.16 “Fan Configuration Register”) is
set to ‘0’, these registers become read only.
The table should be loaded with the lowest temperature
in the T1 register (50h) and increasing in temperature
for all settings.
See Section 4.6.4 “Fan Control Look-Up Table” for
description of the Fan Control Look Up Table operation.
The fan speed settings for each temperature threshold
follow the same behavior as the Fan Setting Register
(see Section 5.18 “Fan Setting Register”).
TABLE 5-8:
FAN CONTROL LOOK UP TABLE REGISTERS
Address
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
50h
R/W
Fan Control Look-Up
Table T1
0
643216
8
4
2
1
7Fh
51h
R/W
Fan Control Look-Up
Table S1
—
—
32
16
8
4
2
1
3Fh
52h
R/W
Fan Control Look-Up
Table T2
0
643216
8
4
2
1
7Fh
53h
R/W
Fan Control Look-Up
Table S2
—
—
32
16
8
4
2
1
3Fh
54h
R/W
Fan Control Look-Up
Table T3
0
643216
8
4
2
1
7Fh
55h
R/W
Fan Control Look-Up
Table S3
—
—
32
16
8
4
2
1
3Fh
56h
R/W
Fan Control Look-Up
Table T4
0
643216
8
4
2
1
7Fh
57h
R/W
Fan Control Look-Up
Table S4
—
—
32
16
8
4
2
1
3Fh
58h
R/W
Fan Control Look-Up
Table T5
0
643216
8
4
2
1
7Fh
59h
R/W
Fan Control Look-Up
Table S5
—
—
32
16
8
4
2
1
3Fh
5Ah
R/W
Fan Control Look-Up
Table T6
0
643216
8
4
2
1
7Fh
5Bh
R/W
Fan Control Look-Up
Table S6
—
—
32
16
8
4
2
1
3Fh
5Ch
R/W
Fan Control Look-Up
Table T7
0
643216
8
4
2
1
7Fh
5Dh
R/W
Fan Control Look-Up
Table S7
—
—
32
16
8
4
2
1
3Fh
5Eh
R/W
Fan Control Look-Up
Table T8
0
643216
8
4
2
1
7Fh
5Fh
R/W
Fan Control Look-Up
Table S8
—
—
32
16
8
4
2
1
3Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com