Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 23 Page - Microchip Technology

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR Datasheet(HTML) 23 Page - Microchip Technology

Back Button EMC2101-R-ACZL-TR Datasheet HTML 19Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 20Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 21Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 22Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 23Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 24Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 25Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 26Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006703A-page 23
EMC2101
5.1
Data Read Interlock
When the External Diode High Byte Register is read,
the External Diode Low byte is copied into an internal
‘shadow’ register. The user is free to read the low byte
at any time and be guaranteed that it will correspond to
the previously read high byte. Regardless if the low
byte is read or not, reading from an External Diode
High Byte Register will automatically refresh this stored
low byte data.
When the TACH Reading Low Byte Register is read,
the TACH Reading high byte is copied into an internal
‘shadow’ register. The user is free to read the high byte
at any time and be guaranteed that it will correspond to
the previously read low byte. Regardless if the high
byte is read or not, reading from the TACH Reading
Low Byte Register will automatically refresh this stored
high byte data.
5.2
Register Descriptions
The registers are described in detail below. A bit entry
of a ‘—’ indicates that the bit is not used and will always
read ‘0’.
BFh
R/W
Averaging Filter
Selects averaging function for external
diode
00h
FDh
R
Product ID
ID
16h or 28h
FEh
R
Manufacturer ID
MCHP
5Dh
FFh
R
Revision Register
REV
01h
TABLE 5-1:
REGISTER SET IN HEXADECIMAL ORDER (CONTINUED)
Register
Address
R/W
Register Name
Function
Default
Value
Note 1: The Look Up Table Registers are made Read Only if the PWM Program bit (bit 5) in PWM Configuration
Register (4Ah) is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com