Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-PICO Datasheet(PDF) 19 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-PICO
Description  2.4 GHz Wi-Fi Bluetooth® Bluetooth LE SiP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-PICO Datasheet(HTML) 19 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-PICO Datasheet HTML 15Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 16Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 17Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 18Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 19Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 20Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 21Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 22Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 23Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
Table 4 – cont’d from previous page
Name
No.
Type
Function
SENSOR_VN/I39
8
I
GPIO39,
ADC1_CH3, RTC_GPIO3
EN
9
I
High: On; enables the SiP
Low: Off; the SiP powers off
Note: Do not leave this pin floating.
VDET_1/I34
10
I
ADC1_CH6,
RTC_GPIO4
VDET_2/I35
11
I
ADC1_CH7,
RTC_GPIO5
32K_XP/IO32
12
I/O
ADC1_CH4,
TOUCH9,
RTC_GPIO9,
32K_XP (32.768 kHz crystal oscillator input)
32K_XN/IO33
13
I/O
ADC1_CH5,
TOUCH8,
RTC_GPIO8,
32K_XN (32.768 kHz crystal oscillator output)
IO25
14
I/O
GPIO25,
DAC_1,
ADC2_CH8,
RTC_GPIO6, EMAC_RXD0
IO26
15
I/O
GPIO26,
DAC_2,
ADC2_CH9,
RTC_GPIO7,
EMAC_RXD1
IO27
16
I/O
GPIO27,
ADC2_CH7, TOUCH7,
RTC_GPIO17, EMAC_RX_DV
MTMS/IO14
17
I/O
ADC2_CH6,
TOUCH6,
RTC_GPIO16,
HSPICLK,
HS2_CLK,
SD_CLK,
EMAC_TXD2,
MTMS
MTDI/IO12
18
I/O
ADC2_CH5,
TOUCH5,
RTC_GPIO15,
HSPIQ,
HS2_DATA2,
SD_DATA2, EMAC_TXD3,
MTDI
VDD3P3_RTC
19
Power
Input power supply for RTC IO
MTCK/IO13
20
I/O
ADC2_CH4,
TOUCH4,
RTC_GPIO14,
HSPID,
HS2_DATA3,
SD_DATA3, EMAC_RX_ER,
MTCK
MTDO/IO15
21
I/O
ADC2_CH3,
TOUCH3,
RTC_GPIO13,
HSPICS0,
HS2_CMD,
SD_CMD,
EMAC_RXD3,
MTDO
IO2
22
I/O
ADC2_CH2,
TOUCH2,
RTC_GPIO12,
HSPIWP,
HS2_DATA0,
SD_DATA0
IO0
23
I/O
ADC2_CH1,
TOUCH1,
RTC_GPIO11,
CLK_OUT1,
EMAC_TX_CLK
IO4
24
I/O
ADC2_CH0,
TOUCH0,
RTC_GPIO10,
HSPIHD,
HS2_DATA1,
SD_DATA1, EMAC_TX_ER
VDD_SDIO
NC
25
—
NC
VDD_SDIO
26
Power
Output power supply
IO20
27
I/O
GPIO20
SD2/IO9
28
I/O
ESP32-PICO-V3: GPIO9, SD_DATA2, HS1_DATA2, U1RXD
ESP32-PICO-V3-02: Used for connecting in-package PSRAM.
SD3/IO10
29
I/O
ESP32-PICO-V3: GPIO10, SD_DATA3, HS1_DATA3, U1TXD
ESP32-PICO-V3-02: Used for connecting in-package PSRAM.
Cont’d on next page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com