Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-PICO Datasheet(PDF) 56 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-PICO
Description  2.4 GHz Wi-Fi Bluetooth® Bluetooth LE SiP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-PICO Datasheet(HTML) 56 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-PICO Datasheet HTML 52Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 53Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 54Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 55Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 56Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 57Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 58Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 59Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 60Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
TECHNOLOGY SPECIFICATION[技术要求]
1.BAN TO USE THE LEVEL 1 ENVIRONMENT-RELATED SUBSTANCES OF JCET PRESCRIBING;
[禁止使用长电科技规定的一级环境管理物质;]
symbol
Dimension in mm
Dimension in inch
MIN
NOM
MAX
MIN
NOM
MAX
A
1.010
1.110
1.210
0.040
0.044
0.048
c
0.220
0.260
0.300
0.009
0.010
0.012
D
6.900
7.000
7.100
0.272
0.276
0.280
E
6.900
7.000
7.100
0.272
0.276
0.280
D1
4.850
4.950
5.050
0.191
0.195
0.199
E1
4.850
4.950
5.050
0.191
0.195
0.199
H
---
0.300
---
---
0.012
---
H1
---
0.300
---
---
0.012
---
L
0.325
0.400
0.475
0.013
0.016
0.019
L1
0.000
0.075
0.150
0.000
0.003
0.006
L2
0.950
1.025
1.100
0.037
0.040
0.043
L3
0.950
1.025
1.100
0.037
0.040
0.043
e
---
0.500
---
---
0.020
---
b
0.200
0.250
0.300
0.008
0.010
0.012
aaa
0.100
0.004
bbb
0.150
0.006
ccc
0.100
0.004
ddd
0.050
0.002
eee
0.150
0.006
A
D
2X
aaa C
PIN #1
CORNER
B
aaa C
2X
24
25
36
37
48
1
12
13
D1
eee
C A B
H
PIN #1
eee
C A B
L3
48×b
bbb
C A B
ddd
C
e
CAVITY
ccc C
SEATING PLANE
C
Side View
Top View
Bottom View
APPROVE
CHECK
DESIGN
APPROVE
PROCESS
STAND.
DRAWING NO.
REV.
DIMENSION AND TOLERANCES
SCALE
PACKAGE OUTLINE DRAWING
[产品外形图]
PAGE
ASME Y14.5M
TITLE:
DESIGN
JCET
PROJECTION
A3
SIZE
MM
长 电 科 技
CHANGJIANG ELEC. TECH.
UNIT
Yan Chen 2020.04.14
Hongye Fei 2020.04.14
Jie Cheng 2020.04.14
LGA-(7×7)-48
(P0.50
T1.21)
GGP3.508.3021WX
PO-DA-770-0048-05-00
A00
10:1
1 OF
1
Figure 15: ESP32-PICO-V3-02 Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com