Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-PICO Datasheet(PDF) 29 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-PICO
Description  2.4 GHz Wi-Fi Bluetooth® Bluetooth LE SiP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-PICO Datasheet(HTML) 29 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-PICO Datasheet HTML 25Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 26Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 27Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 28Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 29Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 30Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 31Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 32Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 33Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
4 Peripherals
Feature List
• Two I2C controllers: one in the main system and one in the low-power system
• Standard mode (100 Kbit/s)
• Fast mode (400 Kbit/s)
• Up to 5 MHz, yet constrained by SDA pull-up strength
• Support for 7-bit and 10-bit addressing, as well as dual address mode
• Supports continuous data transmission with disabled Serial Clock Line (SCL)
• Supports programmable digital noise filter
Users can program command registers to control I2C interfaces, so that they have more flexibility.
For details, see ESP32 Technical Reference Manual > Chapter I2C Controller.
Pin Assignment
For regular I2C, the pins used can be chosen from any GPIOs via the GPIO Matrix.
For more information about the pin assignment, see ESP32 Series Datasheet > Section Peripheral Pin
Configurations and ESP32 Technical Reference Manual > Chapter IO_MUX and GPIO Matrix.
4.2.5
I2S Interface
The I2S Controller in the ESP32 chip provides a flexible communication interface for streaming digital data in
multimedia applications, particularly digital audio applications.
Feature List
• Master mode and slave mode
• Full-duplex and half-duplex communications
• A variety of audio standards supported
• Configurable high-precision output clock
• Supports PDM signal input and output
• Configurable data transmit and receive modes
For details, see ESP32 Technical Reference Manual > Chapter I2S Controller.
Pin Assignment
The pins for the I2S Controller can be chosen from any GPIOs via the GPIO Matrix.
For more information about the pin assignment, see ESP32 Series Datasheet > Section Peripheral Pin
Configurations and ESP32 Technical Reference Manual > Chapter IO_MUX and GPIO Matrix.
4.2.6 Remote Control Peripheral
The Remote Control Peripheral (RMT) controls the transmission and reception of infrared remote control
signals.
Espressif Systems
29
Submit Documentation Feedback
ESP32-PICO Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com