Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-PICO Datasheet(PDF) 22 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-PICO
Description  2.4 GHz Wi-Fi Bluetooth® Bluetooth LE SiP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-PICO Datasheet(HTML) 22 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-PICO Datasheet HTML 18Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 19Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 20Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 21Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 22Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 23Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 24Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 25Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 26Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
2 Pins
one variant to another.
Table 7: Pin Compatibility Between ESP32-PICO Variants
Pin No.
ESP32-PICO-D4
ESP32-PICO-V3
ESP32-PICO-V3-02
5, 6, 7, 8, 10,
11
Input-only and RTC GPIO
Input-only and RTC GPIO
Input-only and RTC GPIO
12, 13, 14, 15,
16, 17, 18, 20,
21, 22, 23,
24
RTC GPIO
RTC GPIO
RTC GPIO
25
GPIO16, used for in-package
flash
NC
NC
27
GPIO17, used for in-package
flash
GPIO20, can be used freely
GPIO20, can be used freely
28
GPIO9, can be used freely
GPIO9, can be used freely
GPIO9, used for in-package
PSRAM
29
GPIO10, can be used freely
GPIO10, can be used freely
GPIO10, used for in-package
PSRAM
30
GPIO11, used for in-package
flash
GPIO11, used for in-package
flash
GPIO11, used for in-package
flash
31
GPIO6, used for in-package
flash
GPIO6, used for in-package
flash
GPIO6, used for in-package
flash
32
GPIO7, used for in-package
flash
GPIO7, can be used freely
GPIO7, can be used freely
33
GPIO8, used for in-package
flash
GPIO8, can be used freely
GPIO8, can be used freely
34, 38, 39,
42
GPIO, can be used freely
GPIO, can be used freely
GPIO, can be used freely
35
GPIO18, can be used freely
NC
NC
36
GPIO23, can be used freely
NC
NC
40
U0RXD
U0RXD
U0RXD
41
U0TXD
U0TXD
U0TXD
Espressif Systems
22
Submit Documentation Feedback
ESP32-PICO Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com