Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-PICO Datasheet(PDF) 15 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-PICO
Description  2.4 GHz Wi-Fi Bluetooth® Bluetooth LE SiP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-PICO Datasheet(HTML) 15 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-PICO Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 12Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 14Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 15Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 16Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 17Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 18Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 19Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
Table 2 – cont’d from previous page
Name
No.
Type
Function
SD1
33
I/O
GPIO8,
SD_DATA1, SPID,
HS1_DATA1, U2CTS
VDD3P3_CPU
IO5
34
I/O
GPIO5,
VSPICS0,
HS1_DATA6,EMAC_RX_CLK
IO18
35
I/O
GPIO18,
VSPICLK,
HS1_DATA7
IO23
36
I/O
GPIO23,
VSPID,
HS1_STROBE
VDD3P3_CPU
37
Power
Input power supply for CPU IO
IO19
38
I/O
GPIO19,
VSPIQ,
U0CTS,
EMAC_TXD0
IO22
39
I/O
GPIO22,
VSPIWP,
U0RTS,
EMAC_TXD1
U0RXD
40
I/O
GPIO3,
U0RXD,
CLK_OUT2
U0TXD
41
I/O
GPIO1,
U0TXD,
CLK_OUT3, EMAC_RXD2
IO21
42
I/O
GPIO21,
VSPIHD,
EMAC_TX_EN
Analog
VDDA
43
Power
Analog power supply
XTAL_N_NC
44
—
NC
XTAL_P_NC
45
—
NC
VDDA
46
Power
Analog power supply
CAP2_NC
47
—
NC
CAP1_NC
48
—
NC
1 For chip revision identification and chip revision-specific errata, see ESP32 Series SoC Errata.
2 The ESP32 chip revision on ESP32-PICO-D4 is upgraded from v1.0 to v1.1. See PCN20220901 for more details.
3 The ESP32 chip revision on ESP32-PICO-V3 and ESP32-PICO-V3-02 is upgraded from v3.0 to v3.1. See PCN20220901 for more details.
4 For differences between chip revision v3.0 and previous ESP32 chip revisions, please refer to ESP32 Chip Revision v3.0 User Guide.
5 The in-package flash supports:
- More than 100,000 program/erase cycles
- More than 20 years data retention time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com