Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-PICO Datasheet(PDF) 49 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-PICO
Description  2.4 GHz Wi-Fi Bluetooth® Bluetooth LE SiP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-PICO Datasheet(HTML) 49 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-PICO Datasheet HTML 45Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 46Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 47Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 48Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 49Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 50Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 51Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 52Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 53Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
NC: No Component
IO20
Pin Mapping
NC
ESP32
ESP32-PICO-V3-02
VDDA
LNA_IN
VDD3P3
VDD3P3
SENSOR_VP
SENSOR_CAPP
SENSOR_CAPN
SENSOR_VN
CHIP_PU
VDET_1
VDET_2
32K_XP
32K_XN
GPIO25
GPIO26
GPIO27
MTMS
MTDI
VDD3P3_RTC
MTCK
MTDO
GPIO2
GPIO0
GPIO4
GPIO16
VDD_SDIO
GPIO17
SD_DATA_2
SD_DATA_3
SD_CMD
SD_CLK
SD_DATA_0
SD_DATA_1
GPIO5
GPIO18
GPIO23
VDD3P3_CPU
GPIO19
GPIO22
U0RXD
U0TXD
GPIO21
VDDA
XTAL_N
XTAL_P
VDDA
CAP2
CAP1
GND
VDDA
LNA_IN
VDD3P3
VDD3P3
SENSOR_VP
SENSOR_CAPP
SENSOR_CAPN
SENSOR_VN
EN
VDET_1
VDET_2
32K_XP
32K_XN
IO25
IO26
IO27
MTMS
MTDI
VDD3P3_RTC
MTCK
MTDO
IO2
IO0
IO4
NC
VDD_SDIO
SD_DATA_2
SD_DATA_3
SD_CMD
SD_CLK
SD_DATA_0
SD_DATA_1
IO5
NC
NC
VDD3P3_CPU
IO19
IO22
U0RXD
U0TXD
IO21
VDDA
NC
NC
VDDA
NC
NC
GND
EN
VDET_2/I35
SD_CLK/IO6
SD_CMD/IO11
SENSOR_VP/I36
GPIO16
GPIO18
GPIO23
GPIO17
SENSOR_CP/I37
SENSOR_CN/I38
SENSOR_VN/I39
VDET_1/I34
LNA_IN
32K_XP/IO32
U0TXD
GPIO19
GPIO22
U0RXD
GPIO21
GPIO20
GPIO16
SD_DATA_0/IO7
SD_DATA_1/IO8
SD_CLK/IO6
SD_DATA_3/IO10
SD_CMD/IO11
SD_DATA_2/IO9
GPIO18
GPIO5
GPIO23
GPIO17
SD_DATA_2/IO9
SD_DATA_3/IO10
GPIO18
GPIO17
GPIO16
GPIO23
VDDA2
GND
VDDA
VDD33
GND
GND
VDD_SDIO
VDD3P3_RTC
GND
GND
GND
GND
GND
GND
VDD33_CPU
GND
GND
GND
GND
GND
GND
GND
VDDA1
GND
GND
GND
VDD_SDIO
GND
VDD_SDIO
VDD_SDIO
Title
Size
Document Number
R e v
Date:
Sheet
o f
<Doc>
xxx
A3
2
2
Tuesday, May 12, 2020
1.0
Title
Size
Document Number
R e v
Date:
Sheet
o f
<Doc>
xxx
A3
2
2
Tuesday, May 12, 2020
1.0
Title
Size
Document Number
R e v
Date:
Sheet
o f
<Doc>
xxx
A3
2
2
Tuesday, May 12, 2020
1.0
L4
1.8nH
R1
20K
U4
PSRAM
CS#
1
SO/SIO1
2
SIO2
3
VSS
4
SI/SIO0
5
SCLK
6
SIO3
7
VDD
8
C6
10nF
C20
1uF
C15
1.2pF
C1
18pF
C3
100pF
C9
0.1uF
R9
NC
C18
0.1uF
C11
0.1uF
D1
NC
R17
10K
C5
3.3nF
C4
0.1uF
C13
NC
L5
2.0nH
C19
0.1uF
C14
1.5pF
R15
510R
C12
0.1uF
C10
0.1uF
U2
ESP32
VDDA
1
LNA_IN
2
VDD3P3
3
VDD3P3
4
SENSOR_VP
5
SENSOR_CAPP
6
SENSOR_CAPN
7
SENSOR_VN
8
CHIP_PU
9
VDET_1
10
VDET_2
11
32K_XP
12
VDD_SDIO
26
GPIO16
25
GPIO17
27
SD_DATA_2
28
SD_DATA_3
29
SD_CMD
30
SD_CLK
31
SD_DATA_0
32
SD_DATA_1
33
GPIO5
34
GPIO18
35
GPIO23
36
GPIO20
50
C2
18pF
U1
40MHz+/-10ppm
U3
FLASH
/CS
1
DO
2
/WP
3
DI
5
CLK
6
/HOLD
7
Figure 9: ESP32-PICO-V3-02 Schematics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com