Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-PICO Datasheet(PDF) 45 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-PICO
Description  2.4 GHz Wi-Fi Bluetooth® Bluetooth LE SiP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-PICO Datasheet(HTML) 45 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-PICO Datasheet HTML 41Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 42Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 43Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 44Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 45Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 46Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 47Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 48Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 49Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
6 RF Characteristics
Table 30 – cont’d from previous page
Parameter
Description
Min
Typ
Max
Unit
EDR differential phase coding
—
—
100
—
%
6.3 Bluetooth LE Radio
Table 31: Bluetooth LE RF Characteristics
Name
Description
Center frequency range of operating channel
2402 ~ 2480 MHz
RF transmit power range
–12.0 ~ 9.0 dBm
6.3.1 Bluetooth LE RF Transmitter (TX) Characteristics
Table 32: Bluetooth LE - Transmitter Characteristics
Parameter
Description
Min
Typ
Max
Unit
Carrier frequency offset and drift
Max.
|fn|
n=0, 1, 2, 3, ...k
—
2.2
—
kHz
Max.
|f0 − fn|
n=2, 3, 4, ...k
—
1.3
—
kHz
Max.
|fn − fn−5|
n=6, 7, 8, ...k
—
1.5
—
kHz
|f1 − f0|
—
0.6
—
kHz
Modulation characteristics
∆ F 1avg
—
247.5
—
kHz
Min. ∆ F 2max (for at least
99.9% of all ∆ F 2max)
—
206.0
—
kHz
∆ F 2avg/∆ F 1avg
—
0.86
—
—
In-band emissions
± 2 MHz offset
—
–55
—
dBm
± 3 MHz offset
—
–57
—
dBm
> ± 3 MHz offset
—
–59
—
dBm
6.3.2
Bluetooth LE RF Receiver (RX) Characteristics
Table 33: Bluetooth LE - Receiver Characteristics
Parameter
Description
Min
Typ
Max
Unit
Sensitivity @30.8% PER
—
—
–96.5
—
dBm
Maximum received signal @30.8% PER
—
—
5
—
dBm
C/I and receiver
selectivity performance
Co-channel
F = F0 MHz
—
10
—
dB
Adjacent channel
F = F0 + 1 MHz
—
2
—
dB
F = F0 – 1 MHz
—
4
—
dB
F = F0 + 2 MHz
—
–21
—
dB
F = F0 – 2 MHz
—
–20
—
dB
F = F0 + 3 MHz
—
–32
—
dB
F = F0 – 3 MHz
—
–45
—
dB
F
≥ F0 + 4 MHz
—
–29
—
dB
Cont’d on next page
Espressif Systems
45
Submit Documentation Feedback
ESP32-PICO Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com