Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-PICO Datasheet(PDF) 44 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-PICO
Description  2.4 GHz Wi-Fi Bluetooth® Bluetooth LE SiP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-PICO Datasheet(HTML) 44 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-PICO Datasheet HTML 40Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 41Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 42Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 43Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 44Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 45Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 46Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 47Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 48Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
6 RF Characteristics
Table 29 – cont’d from previous page
Parameter
Description
Min
Typ
Max
Unit
Co-channel C/I
—
—
11
—
dB
Adjacent channel selectivity C/I
F = F0 + 1 MHz
—
–7
—
dB
F = F0 – 1 MHz
—
–7
—
dB
F = F0 + 2 MHz
—
–25
—
dB
F = F0 – 2 MHz
—
–35
—
dB
F = F0 + 3 MHz
—
–25
—
dB
F = F0 – 3 MHz
—
–45
—
dB
8DPSK
Sensitivity @0.01% BER
—
—
–86
—
dBm
Maximum received signal @0.01% BER
—
—
–5
—
dBm
C/I c-channel
—
—
18
—
dB
Adjacent channel selectivity C/I
F = F0 + 1 MHz
—
2
—
dB
F = F0 – 1 MHz
—
2
—
dB
F = F0 + 2 MHz
—
–25
—
dB
F = F0 – 2 MHz
—
–25
—
dB
F = F0 + 3 MHz
—
–25
—
dB
F = F0 – 3 MHz
—
–38
—
dB
6.2.4
Transmitter – Enhanced Data Rate
Table 30: Transmitter Characteristics – Enhanced Data Rate
Parameter
Description
Min
Typ
Max
Unit
RF transmit power (see note under Table 28)
—
—
0
—
dBm
Gain control step
—
—
3
—
dB
RF power control range
—
–12
—
+9
dBm
π
/4 DQPSK max w0
—
—
–0.72
—
kHz
π
/4 DQPSK max wi
—
—
–6
—
kHz
π
/4 DQPSK max |wi + w0|
—
—
–7.42
—
kHz
8DPSK max w0
—
—
0.7
—
kHz
8DPSK max wi
—
—
–9.6
—
kHz
8DPSK max |wi + w0|
—
—
–10
—
kHz
π
/4 DQPSK modulation accuracy
RMS DEVM
—
4.28
—
%
99% DEVM
—
100
—
%
Peak DEVM
—
13.3
—
%
8 DPSK modulation accuracy
RMS DEVM
—
5.8
—
%
99% DEVM
—
100
—
%
Peak DEVM
—
14
—
%
In-band spurious emissions
F = F0 ± 1 MHz
—
–46
—
dBm
F = F0 ± 2 MHz
—
–44
—
dBm
F = F0 ± 3 MHz
—
–49
—
dBm
F = F0 +/– > 3 MHz
—
—
–53
dBm
Cont’d on next page
Espressif Systems
44
Submit Documentation Feedback
ESP32-PICO Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com