Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-PICO Datasheet(PDF) 30 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-PICO
Description  2.4 GHz Wi-Fi Bluetooth® Bluetooth LE SiP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-PICO Datasheet(HTML) 30 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-PICO Datasheet HTML 26Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 27Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 28Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 29Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 30Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 31Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 32Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 33Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 34Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
4 Peripherals
Feature List
• Eight channels for sending and receiving infrared remote control signals
• Independent transmission and reception capabilities for each channel
• Clock divider counter, state machine, and receiver for each RX channel
• Supports various infrared protocols
For details, see ESP32 Technical Reference Manual > Chapter Remote Control Peripheral.
Pin Assignment
The pins for the Remote Control Peripheral can be chosen from any GPIOs via the GPIO Matrix.
For more information about the pin assignment, see ESP32 Series Datasheet > Section Peripheral Pin
Configurations and ESP32 Technical Reference Manual > Chapter IO_MUX and GPIO Matrix.
4.2.7 Pulse Counter Controller (PCNT)
The pulse counter controller (PCNT) is designed to count input pulses by tracking rising and falling edges of
the input pulse signal.
Feature List
• Eight independent pulse counter units
• Each pulse counter unit has a 16-bit signed counter register and two channels
• Counter modes: increment, decrement, or disable
• Glitch filtering for input pulse signals and control signals
• Selection between counting on rising or falling edges of the input pulse signal
For details, see ESP32 Technical Reference Manual > Chapter Pulse Count Controller.
Pin Assignment
The pins for the Pulse Count Controller can be chosen from any GPIOs via the GPIO Matrix.
For more information about the pin assignment, see ESP32 Series Datasheet > Section Peripheral Pin
Configurations and ESP32 Technical Reference Manual > Chapter IO_MUX and GPIO Matrix.
4.2.8
LED PWM Controller
The LED PWM Controller (LEDC) is designed to generate PWM signals for LED control.
Feature List
• Sixteen independent PWM generators
• Maximum PWM duty cycle resolution of 20 bits
• Eight independent timers with 20-bit counters, configurable fractional clock dividers and counter
overflow values
Espressif Systems
30
Submit Documentation Feedback
ESP32-PICO Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com