Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-PICO Datasheet(PDF) 7 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-PICO
Description  2.4 GHz Wi-Fi Bluetooth® Bluetooth LE SiP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-PICO Datasheet(HTML) 7 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-PICO Datasheet HTML 3Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 4Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 5Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
Contents
4.2.6
Remote Control Peripheral
29
4.2.7
Pulse Counter Controller (PCNT)
30
4.2.8
LED PWM Controller
30
4.2.9
Motor Control PWM
31
4.2.10 SD/SDIO/MMC Host Controller
32
4.2.11
SDIO/SPI Slave Controller
32
4.2.12 TWAI® Controller
33
4.2.13 Ethernet MAC Interface
34
4.3
Analog Peripherals
34
4.3.1
Analog-to-Digital Converter (ADC)
34
4.3.2
Digital-to-Analog Converter (DAC)
35
4.3.3
Touch Sensor
36
5
Electrical Characteristics
37
5.1
Absolute Maximum Ratings
37
5.2
Recommended Power Supply Characteristics
37
5.3
DC Characteristics (3.3 V, 25 °C)
38
5.4
Current Consumption Characteristics
38
5.4.1
Current Consumption in Active Mode
38
5.4.2
Current Consumption in Other Modes
39
6
RF Characteristics
40
6.1
Wi-Fi Radio (2.4 GHz)
40
6.1.1
Wi-Fi RF Transmitter (TX) Characteristics
40
6.1.2
Wi-Fi RF Receiver (RX) Characteristics
41
6.2
Bluetooth Radio
42
6.2.1
Receiver – Basic Data Rate
42
6.2.2
Transmitter – Basic Data Rate
43
6.2.3
Receiver – Enhanced Data Rate
43
6.2.4
Transmitter – Enhanced Data Rate
44
6.3
Bluetooth LE Radio
45
6.3.1
Bluetooth LE RF Transmitter (TX) Characteristics
45
6.3.2
Bluetooth LE RF Receiver (RX) Characteristics
45
7
Schematics
47
8
Peripheral Schematics
50
9
Packaging
54
10 PCB Land Pattern
57
11 ESP32-PICO PCB Stencil
59
12 Ultrasonic Vibration
59
Espressif Systems
7
Submit Documentation Feedback
ESP32-PICO Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com