Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-PICO Datasheet(PDF) 39 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-PICO
Description  2.4 GHz Wi-Fi Bluetooth® Bluetooth LE SiP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-PICO Datasheet(HTML) 39 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-PICO Datasheet HTML 35Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 36Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 37Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 38Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 39Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 40Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 41Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 42Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 43Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
5 Electrical Characteristics
Table 19: Current Consumption for Wi-Fi (2.4 GHz) in Active Mode
Work Mode
RF Condition
Description
Peak (mA)
Active (RF working)
TX
802.11b, 1 Mbps, DSSS @ 19.5 dBm
370
802.11g, 54 Mbps, OFDM @ 14 dBm
270
802.11n, HT20, MCS7 @ 13 dBm
250
802.11n, HT40, MCS7 @ 13 dBm
205
RX
802.11b/g/n, HT20
113
802.11n, HT40
120
5.4.2
Current Consumption in Other Modes
Table 20: Current Consumption Depending on Work Modes
Work mode
Description
Current consumption (Typ)
Modem-sleep1, 2
The CPU is
powered on3
240 MHz
30-68 mA
160 MHz
27-44 mA
Normal speed: 80 MHz
20-31 mA
Light-sleep
—
0.8 mA
Deep-sleep
The ULP coprocessor is powered on4
150 µA
ULP sensor-monitored pattern5
100 µA @1% duty
RTC timer + RTC memory
10 µA
RTC timer only
5 µA
Power off
CHIP_PU is set to low level, the chip is powered off
1 µA
1 The current consumption figures in Modem-sleep mode are for cases where the CPU is powered on and
the cache idle.
2 When Wi-Fi is enabled, the chip switches between Active and Modem-sleep modes. Therefore, current
consumption changes accordingly.
3 In Modem-sleep mode, the CPU frequency changes automatically. The frequency depends on the CPU
load and the peripherals used.
4 During Deep-sleep, when the ULP coprocessor is powered on, peripherals such as GPIO and RTC I2C are
able to operate.
5 The “ULP sensor-monitored pattern” refers to the mode where the ULP coprocessor or the sensor works
periodically. When ADC works with a duty cycle of 1%, the typical current consumption is 100 µA.
Espressif Systems
39
Submit Documentation Feedback
ESP32-PICO Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com