Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-PICO Datasheet(PDF) 21 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-PICO
Description  2.4 GHz Wi-Fi Bluetooth® Bluetooth LE SiP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-PICO Datasheet(HTML) 21 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-PICO Datasheet HTML 17Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 18Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 19Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 20Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 21Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 22Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 23Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 24Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 25Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
2 Pins
2.2.3 Pin Mapping Between ESP32-PICO-V3/ESP32-PICO-V3-02 and Flash/PSRAM
Table 5 lists ESP32 pins exposed on the package that are also used to connect the in-package flash/PSRAM.
It is not recommended to use the pins connected to flash/PSRAM for any other purposes.
Table 5: Pin Mapping Between ESP32-PICO-V3/ESP32-PICO-V3-02 and Flash/PSRAM
Pin No.
Pin Name
In-Package Flash
In-Package PSRAM
31
CLK/IO6
FLASH_CLK
—
30
CMD/IO11
FLASH_CS
—
28
SD2/IO9
—
PSRAM_CS
29
SD3/IO10
—
PSRAM_CLK
2.3 Pin Function Description
Table 6 provides description of pin functions.
Table 6: Pin Function Description
Function Name
Description
GPIOx
General-purpose input and output (x is GPIO number). GPIO pins can be
assigned various functions, including digital and analog functions. For more
information, please refer to ESP32 Series Datasheet > Appendix IO_MUX.
MTCK/MTDO/MTDI/MTMS
JTAG interface signals.
32K_XP/XN
32 KHz external clock input/output (connecting to ESP32-PICO’s oscillator). P/N
means differential clock positive/negative.
RTC_GPIOx
RTC domain GPIO function for low power management.
TOUCHx
Analog function for touch sensing.
ADCx_CHy
Analog to digital conversion channel. x is ADC number, y is channel number.
DAC_x
Digital to analog conversion module. x is DAC number.
CLK_OUTx
Clock output for debugging. x is clock number.
SPI*
Signals of SPI0/1 module. * is CLK, CS0, D (MOSI), Q (MISO), WP (write-protect),
HD (hold).
HSPI*
Signals of SPI2 module. * is CLK, CS0, D, Q, WP, HD.
VSPI*
Signals of SPI3 module. * is CLK, CS0, D, Q, WP, HD.
U0*
Signals of UART0 module. * is CTS, RTS, RXD, TXD.
U1*
Signals of UART1 module. * is CTS, RTS, RXD, TXD.
U2*
Signals of UART2 module. * is CTS, RTS, RXD, TXD.
SD_*
Signals of SDIO slave. * is CLK, CMD, DATA0 ~ DATA3.
HS1_*
Port 1 signals of the SDIO host, * is CLK, CMD, STROBE, DATA0 ~ DATA7.
HS2_*
Port 2 signals of the SDIO host, * is CLK, CMD, DATA0 ~ DATA3.
NC
Not connected.
2.4
Pin Compatibility Between ESP32-PICO Variants
While the ESP32-PICO variants are very similar from a pin-out perspective, there are several changes to the
pins and their functions, as shown in Table 7. The differences in pins require attention when migrating from
Espressif Systems
21
Submit Documentation Feedback
ESP32-PICO Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com