Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-PICO Datasheet(PDF) 50 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-PICO
Description  2.4 GHz Wi-Fi Bluetooth® Bluetooth LE SiP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-PICO Datasheet(HTML) 50 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-PICO Datasheet HTML 46Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 47Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 48Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 49Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 50Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 51Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 52Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 53Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 54Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
8 Peripheral Schematics
This is the typical application circuit of the ESP32-PICO connected with peripheral components (for example, power supply, antenna, reset button, JTAG interface,
and UART interface).
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
ESP32-PICO-D4
SD1
SD0
CLK
CMD
SD3
IO17
IO16
Flash(3.3V)
SI
WP
CLK
HOLD
SO
FLASH_CS
pSRAM(3.3V)
SIO0
SIO2
SIO3
SIO1
PSRAM_CS
-
SCLK
Reset Button
(Internal)Signal (External) Signal
-
SPI/QPI
Module Pin
Interface Signal
SI/SIO[0]
WP/SIO[2]
Clock
HOLD/SIO[3]
pSRAM Chip Select
Flash Chip Select
SO/SIO[1]
PSRAM_CS
ANT1
EN
IO35
IO34
IO32
U0RXD
IO22
IO21
FLASH_CS
U0TXD
LAN_IN
SENSOR_VP
SENSOR_VN
SIO1
IO9
PSRAM_CS
SIO3
SCLK
SIO2
SIO0
IO5
IO19
IO18
IO23
SIO1
SIO2
SIO0
SCLK
SIO3
EN
SENSOR_CAPP
SENSOR_CAPN
GND
VDD_SDIO
GND
GND
GND
GND
VDD33
GND
VDD33
GND
GND
VDD_SDIO
GND
VDD33
GND
GND
VDD33
GND
VDD33
C4
TBD
R3
0R(1%)
U2
pSRAM
CS#
1
SO/SIO1
2
SIO2
3
VSS
4
SI/SIO0
5
SCLK
6
SIO3
7
VDD
8
C3
TBD
C2
0.1uF/6.3V(10%)
R2
TBD
JP2
UART
1
1
2
2
3
3
4
4
C1
10uF/6.3V(10%)
U1
ESP32-PICO-D4
VDDA
1
LNA_IN
2
VDDA3P3
3
VDDA3P3
4
SENSOR_VP
5
SENSOR_CAPP
6
SENSOR_CAPN
7
SENSOR_VN
8
EN
9
IO34
10
IO35
11
IO32
12
VDD_SDIO
26
IO16
25
IO17
27
SD2
28
SD3
29
CMD
30
CLK
31
SD0
32
SD1
33
IO5
34
IO18
35
IO23
36
JP3
JTAG
1
1
2
2
3
3
4
4
C5
0.1uF/6.3V(10%)
ANT
1
2
JP1
Boot Option
1
1
2
2
SW1
L1
TBD
C6
TBD
Figure 10: ESP32-PICO-D4 Peripheral Schematics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com