Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-PICO Datasheet(PDF) 52 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-PICO
Description  2.4 GHz Wi-Fi Bluetooth® Bluetooth LE SiP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-PICO Datasheet(HTML) 52 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-PICO Datasheet HTML 48Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 49Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 50Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 51Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 52Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 53Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 54Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 55Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 56Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
RESET BUTTON
Note: SD2/ IO9, SD3/ IO10, CLK/IO6 and CMD/IO11 are used for intergrated external flash or
PSRAM and they cannot be used for other functions. The operating voltage of intergrated
external flash and PSRAM is 3.3V. Therefore, the strapping pin MTDI/IO12 should hold bit "0"
during module power-on reset.
EN
U0RXD
U0TXD
LAN_IN
IO19
IO22
ANT
IO5
I34
I35
IO32
IO20
I39
IO7
IO8
I38
I37
I36
EN
GND
VDD33
GND
GND
GND
VDD33
GND
GND
GND
VDD33
GND
GND
VDD33
Title
Size
Document Number
R e v
Date:
Sheet
o f
XXXX
V1.0
XXXXXX
B
4
4
Thursday, April 30, 2020
Title
Size
Document Number
R e v
Date:
Sheet
o f
XXXX
V1.0
XXXXXX
B
4
4
Thursday, April 30, 2020
Title
Size
Document Number
R e v
Date:
Sheet
o f
XXXX
V1.0
XXXXXX
B
4
4
Thursday, April 30, 2020
J3
BOOT OPTION
1
2
C4
TBD
J2
JTAG
1
2
3
4
C3
TBD
C2
0.1uF
C5
TBD
C1
10uF
ANT1
1
2
J1
UART
1
2
3
4
SW1
1
1
2
2
U1
ESP32-PICO-V3-02
VDDA
1
LNA_IN
2
VDDA3P3
3
VDDA3P3
4
SENSOR_VP/I36
5
SENSOR_CAPP/I37
6
SENSOR_CAPN/I38
7
SENSOR_VN/I39
8
EN
9
VDET_1/I34
10
VDET_2/I35
11
32K_XP/IO32
12
VDD_SDIO
26
NC
25
IO20
27
SD2/IO9
28
SD3/IO10
29
CMD/IO11
30
CLK/IO6
31
SD0/IO7
32
SD1/IO8
33
IO5
34
NC
35
NC
36
R1
TBD
R2
0R
L1
TBD
Figure 12: ESP32-PICO-V3-02 Peripheral Schematics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com