Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-PICO Datasheet(PDF) 42 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-PICO
Description  2.4 GHz Wi-Fi Bluetooth® Bluetooth LE SiP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-PICO Datasheet(HTML) 42 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-PICO Datasheet HTML 38Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 39Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 40Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 41Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 42Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 43Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 44Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 45Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 46Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
6 RF Characteristics
Table 24 – cont’d from previous page
Min
Typ
Max
Rate
(dBm)
(dBm)
(dBm)
802.11n, HT40, MCS6
—
–71.0
—
802.11n, HT40, MCS7
—
–69.0
—
Table 25: Maximum RX Level
Min
Typ
Max
Rate
(dBm)
(dBm)
(dBm)
802.11b, 1 Mbps, DSSS
—
5
—
802.11b, 11 Mbps, CCK
—
5
—
802.11g, 6 Mbps, OFDM
—
0
—
802.11g, 54 Mbps, OFDM
—
–8
—
802.11n, HT20, MCS0
—
0
—
802.11n, HT20, MCS7
—
–8
—
802.11n, HT40, MCS0
—
0
—
802.11n, HT40, MCS7
—
–8
—
Table 26: RX Adjacent Channel Rejection
Min
Typ
Max
Rate
(dB)
(dB)
(dB)
802.11b, 1 Mbps, DSSS
—
35
—
802.11b, 11 Mbps, CCK
—
35
—
802.11g, 6 Mbps, OFDM
—
27
—
802.11g, 54 Mbps, OFDM
—
13
—
802.11n, HT20, MCS0
—
27
—
802.11n, HT20, MCS7
—
12
—
802.11n, HT40, MCS0
—
16
—
802.11n, HT40, MCS7
—
7
—
6.2
Bluetooth Radio
6.2.1 Receiver – Basic Data Rate
Table 27: Receiver Characteristics – Basic Data Rate
Parameter
Description
Min
Typ
Max
Unit
Sensitivity @0.1% BER
—
—
–92
—
dBm
Maximum received signal @0.1% BER
—
0
—
—
dBm
Co-channel C/I
—
—
+7
—
dB
Adjacent channel selectivity C/I
F = F0 + 1 MHz
—
—
–6
dB
Cont’d on next page
Espressif Systems
42
Submit Documentation Feedback
ESP32-PICO Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com