Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-PICO Datasheet(PDF) 40 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-PICO
Description  2.4 GHz Wi-Fi Bluetooth® Bluetooth LE SiP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-PICO Datasheet(HTML) 40 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-PICO Datasheet HTML 36Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 37Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 38Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 39Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 40Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 41Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 42Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 43Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 44Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
6 RF Characteristics
6 RF Characteristics
This section contains tables with RF characteristics of the Espressif product.
The RF data is measured at the antenna port, where RF cable is connected, including the front-end loss. The
front-end circuit is a 0 Ω resistor.
Devices should operate in the center frequency range allocated by regional regulatory authorities. The target
center frequency range and the target transmit power are configurable by software. See ESP RF Test Tool and
Test Guide for instructions.
Unless otherwise stated, the RF tests are conducted with a 3.3 V (±5%) supply at 25 ºC ambient temperature.
6.1
Wi-Fi Radio (2.4 GHz)
Table 21: Wi-Fi RF Characteristics
Name
Description
Center frequency range of operating channel
2412 ~ 2484 MHz
Wi-Fi wireless standard
IEEE 802.11b/g/n
6.1.1 Wi-Fi RF Transmitter (TX) Characteristics
Table 22: TX Power with Spectral Mask and EVM Meeting 802.11 Standards
Min
Typ
Max
Rate
(dBm)
(dBm)
(dBm)
802.11b, 1 Mbps, DSSS
—
19.5
—
802.11b, 11 Mbps, CCK
—
19.5
—
802.11g, 6 Mbps, OFDM
—
18.0
—
802.11g, 54 Mbps, OFDM
—
14.0
—
802.11n, HT20, MCS0
—
18.0
—
802.11n, HT20, MCS7
—
13.0
—
802.11n, HT40, MCS0
—
18.0
—
802.11n, HT40, MCS7
—
13.0
—
Table 23: TX EVM Test1
Min
Typ
Limit
Rate
(dB)
(dB)
(dB)
802.11b, 1 Mbps, DSSS
—
–26.5
–10.0
802.11b, 11 Mbps, CCK
—
–26.5
–10.0
802.11g, 6 Mbps, OFDM
—
–24.0
–5.0
802.11g, 54 Mbps, OFDM
—
–30.0
–25.0
Cont’d on next page
Espressif Systems
40
Submit Documentation Feedback
ESP32-PICO Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com