Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-PICO Datasheet(PDF) 9 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-PICO
Description  2.4 GHz Wi-Fi Bluetooth® Bluetooth LE SiP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-PICO Datasheet(HTML) 9 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-PICO Datasheet HTML 5Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 12Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
List of Tables
List of Tables
1
Differences Between ESP32-PICO Series of Variants
2
1
ESP32-PICO Series Comparison
11
2
Pin Description of ESP32-PICO-D4
13
3
Pin Mapping Between ESP32-PICO-D4 and Flash/PSRAM
16
4
Pin Description of ESP32-PICO-V3 and ESP32-PICO-V3-02
18
5
Pin Mapping Between ESP32-PICO-V3/ESP32-PICO-V3-02 and Flash/PSRAM
21
6
Pin Function Description
21
7
Pin Compatibility Between ESP32-PICO Variants
22
8
Default Configuration of Strapping Pins
23
9
Description of Timing Parameters for the Strapping Pins
24
10
Chip Boot Mode Control
24
11
U0TXD Printing Control
26
12
Timing Control of SDIO Slave
26
13
ADC Characteristics
35
14
ADC Calibration Results
35
15
Capacitive-Sensing GPIOs Available on ESP32
36
16
Absolute Maximum Ratings
37
17
Recommended Power Supply Characteristics
37
18
DC Characteristics (3.3 V, 25 °C)
38
19
Current Consumption for Wi-Fi (2.4 GHz) in Active Mode
39
20
Current Consumption Depending on Work Modes
39
21
Wi-Fi RF Characteristics
40
22
TX Power with Spectral Mask and EVM Meeting 802.11 Standards
40
23
TX EVM Test1
40
24
RX Sensitivity
41
25
Maximum RX Level
42
26
RX Adjacent Channel Rejection
42
27
Receiver Characteristics – Basic Data Rate
42
28
Transmitter Characteristics – Basic Data Rate
43
29
Receiver Characteristics – Enhanced Data Rate
43
30
Transmitter Characteristics – Enhanced Data Rate
44
31
Bluetooth LE RF Characteristics
45
32
Bluetooth LE - Transmitter Characteristics
45
33
Bluetooth LE - Receiver Characteristics
45
Espressif Systems
9
Submit Documentation Feedback
ESP32-PICO Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com