Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-PICO Datasheet(PDF) 23 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-PICO
Description  2.4 GHz Wi-Fi Bluetooth® Bluetooth LE SiP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-PICO Datasheet(HTML) 23 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-PICO Datasheet HTML 19Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 20Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 21Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 22Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 23Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 24Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 25Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 26Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 27Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
3 Boot Configurations
3
Boot Configurations
Note:
The content below is excerpted from ESP32 Series Datasheet > Section Boot Configurations.
The chip allows for configuring the following boot parameters through strapping pins and eFuse bits at
power-up or a hardware reset, without microcontroller interaction.
• Chip boot mode
– Strapping pin: GPIO0 and GPIO2
• Internal LDO (VDD_SDIO) Voltage
– Strapping pin: MTDI
– eFuse bit: EFUSE_SDIO_FORCE and EFUSE_SDIO_TIEH
• U0TXD printing
– Strapping pin: MTDO
• Timing of SDIO Slave
– Strapping pin: MTDO and GPIO5
• JTAG signal source
– eFuse bit: EFUSE_DISABLE_JTAG
The default values of all the above eFuse bits are 0, which means that they are not burnt. Given that eFuse is
one-time programmable, once an eFuse bit is programmed to 1, it can never be reverted to 0. For how to
program eFuse bits, please refer to ESP32 Technical Reference Manual > Chapter eFuse Controller.
The default values of the strapping pins, namely the logic levels, are determined by pins’ internal weak
pull-up/pull-down resistors at reset if the pins are not connected to any circuit, or connected to an external
high-impedance circuit.
Table 8: Default Configuration of Strapping Pins
Strapping Pin
Default Configuration
Bit Value
GPIO0
Pull-up
1
GPIO2
Pull-down
0
MTDI
Pull-down
0
MTDO
Pull-up
1
GPIO5
Pull-up
1
To change the bit values, the strapping pins should be connected to external pull-down/pull-up resistances. If
the ESP32 is used as a device by a host MCU, the strapping pin voltage levels can also be controlled by the
host MCU.
All strapping pins have latches. At system reset, the latches sample the bit values of their respective strapping
pins and store them until the chip is powered down or shut down. The states of latches cannot be changed in
Espressif Systems
23
Submit Documentation Feedback
ESP32-PICO Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com