Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-PICO Datasheet(PDF) 38 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-PICO
Description  2.4 GHz Wi-Fi Bluetooth® Bluetooth LE SiP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-PICO Datasheet(HTML) 38 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-PICO Datasheet HTML 34Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 35Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 36Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 37Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 38Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 39Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 40Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 41Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 42Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
5 Electrical Characteristics
5.3
DC Characteristics (3.3 V, 25 °C)
Table 18: DC Characteristics (3.3 V, 25 °C)
Symbol
Parameter
Min
Typ
Max
Unit
CIN
Pin capacitance
—
2
—
pF
VIH
High-level input voltage
0.75 × VDD1
—
VDD1 + 0.3
V
VIL
Low-level input voltage
–0.3
—
0.25 × VDD1
V
IIH
High-level input current
—
—
50
nA
IIL
Low-level input current
—
—
50
nA
VOH 4
High-level output voltage
0.8 × VDD1
—
—
V
VOL4
Low-level output voltage
—
—
0.1 × VDD1
V
IOH
High-level source current
(VDD1 = 3.3 V,
VOH >= 2.64 V,
output drive strength set
to the maximum)
VDD3P3_CPU
power
domain
1, 2
—
40
—
mA
VDD3P3_RTC
power
domain
1, 2
—
40
—
mA
VDD_SDIO power
domain 1, 3
—
20
—
mA
IOL
Low-level sink current
(VDD1 = 3.3 V, VOL = 0.495 V,
output drive strength set to the maximum)
—
28
—
mA
RP U
Resistance of internal pull-up resistor
—
45
—
kΩ
RP D
Resistance of internal pull-down resistor
—
45
—
kΩ
VIL_nRST
Low-level input voltage of CHIP_PU
to power off the chip
—
—
0.6
V
1 VDD is the I/O voltage for a particular power domain of pins. For IO’s power domain, please see
ESP32 Series Datasheet > Appendix IO MUX.
2 For VDD3P3_CPU and VDD3P3_RTC power domain, per-pin current sourced in the same domain is
gradually reduced from around 40 mA to around 29 mA, VOH >=2.64 V, as the number of current-
source pins increases.
3 Pins occupied by flash and/or PSRAM in the VDD_SDIO power domain were excluded from the test.
4 V
OH and VOL are measured using high-impedance load.
5.4
Current Consumption Characteristics
5.4.1 Current Consumption in Active Mode
The current consumption measurements are taken with a 3.3 V supply at 25 °C ambient temperature.
TX current consumption is rated at a 100% duty cycle.
RX current consumption is rated when the peripherals are disabled and the CPU idle.
Espressif Systems
38
Submit Documentation Feedback
ESP32-PICO Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com