Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-PICO Datasheet(PDF) 41 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-PICO
Description  2.4 GHz Wi-Fi Bluetooth® Bluetooth LE SiP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-PICO Datasheet(HTML) 41 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-PICO Datasheet HTML 37Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 38Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 39Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 40Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 41Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 42Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 43Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 44Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 45Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
6 RF Characteristics
Table 23 – cont’d from previous page
Min
Typ
Limit
Rate
(dB)
(dB)
(dB)
802.11n, HT20, MCS0
—
–24.0
–5.0
802.11n, HT20, MCS7
—
–30.5
–27.0
802.11n, HT40, MCS0
—
–24.0
–5.0
802.11n, HT40, MCS7
—
–30.5
–27.0
1 EVM is measured at the corresponding typical TX power provided
in Table 22 Wi-Fi RF Transmitter (TX) Characteristics above.
6.1.2
Wi-Fi RF Receiver (RX) Characteristics
For RX tests, the PER (packet error rate) limit is 8% for 802.11b, and 10% for 802.11g/n.
Table 24: RX Sensitivity
Min
Typ
Max
Rate
(dBm)
(dBm)
(dBm)
802.11b, 1 Mbps, DSSS
—
–97.0
—
802.11b, 2 Mbps, DSSS
—
–94.0
—
802.11b, 5.5 Mbps, CCK
—
–92.0
—
802.11b, 11 Mbps, CCK
—
–88.0
—
802.11g, 6 Mbps, OFDM
—
–93.0
—
802.11g, 9 Mbps, OFDM
—
–91.0
—
802.11g, 12 Mbps, OFDM
—
–89.0
—
802.11g, 18 Mbps, OFDM
—
–87.0
—
802.11g, 24 Mbps, OFDM
—
–84.0
—
802.11g, 36 Mbps, OFDM
—
–80.0
—
802.11g, 48 Mbps, OFDM
—
–77.0
—
802.11g, 54 Mbps, OFDM
—
–75.0
—
802.11n, HT20, MCS0
—
–92.0
—
802.11n, HT20, MCS1
—
–88.0
—
802.11n, HT20, MCS2
—
–86.0
—
802.11n, HT20, MCS3
—
–83.0
—
802.11n, HT20, MCS4
—
–80.0
—
802.11n, HT20, MCS5
—
–76.0
—
802.11n, HT20, MCS6
—
–74.0
—
802.11n, HT20, MCS7
—
–72.0
—
802.11n, HT40, MCS0
—
–89.0
—
802.11n, HT40, MCS1
—
–85.0
—
802.11n, HT40, MCS2
—
–83.0
—
802.11n, HT40, MCS3
—
–80.0
—
802.11n, HT40, MCS4
—
–76.0
—
802.11n, HT40, MCS5
—
–72.0
—
Cont’d on next page
Espressif Systems
41
Submit Documentation Feedback
ESP32-PICO Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com