Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-PICO Datasheet(PDF) 37 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-PICO
Description  2.4 GHz Wi-Fi Bluetooth® Bluetooth LE SiP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-PICO Datasheet(HTML) 37 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-PICO Datasheet HTML 33Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 34Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 35Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 36Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 37Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 38Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 39Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 40Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 41Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
5 Electrical Characteristics
5 Electrical Characteristics
5.1
Absolute Maximum Ratings
Stresses above those listed in Table 16 Absolute Maximum Ratings may cause permanent damage to the
device. These are stress ratings only and normal operation of the device at these or any other conditions
beyond those indicated in Section 5.2 Recommended Power Supply Characteristics is not implied. Exposure
to absolute-maximum-rated conditions for extended periods may affect device reliability.
Table 16: Absolute Maximum Ratings
Parameter
Description
Min
Max
Unit
VDDA, VDD3P3, VDD3P3_RTC,
VDD3P3_CPU, VDD_SDIO1
Allowed input voltage
–0.3
3.6
V
Ioutput2
Cumulative IO output current
—
1100
mA
TST ORE
Storage temperature
–40
85
°C
1 For IO’s power domain, please see ESP32 Series Datasheet > Appendix IO MUX.
2 The product proved to be fully functional after all its IO pins were pulled high while being connected
to ground for 24 consecutive hours at ambient temperature of 25 °C.
5.2
Recommended Power Supply Characteristics
Table 17: Recommended Power Supply Characteristics
Parameter
Description
Min
Typ
Max
Unit
VDDA, VDD3P3,
VDD3P3_RTC1, VDD_SDIO2
Recommended input voltage
3.0
3.3
3.6
V
VDD3P3_CPU
Recommended input voltage
1.8
3.3
3.6
V
IV DD
Cumulative input current
0.5
—
—
A
T
Operating ambient temperature
–40
—
85
°C
1 When writing eFuse, VDD3P3_RTC should be at least 3.3 V.
2 VDD_SDIO:
• VDD_SDIO is powered by VDD3P3_RTC via 6 Ω resistor for 3.3 V flash/PSRAM, therefore, there will be
some voltage drop from VDD3P3_RTC.
• VDD_SDIO can also be driven by an external power supply.
Espressif Systems
37
Submit Documentation Feedback
ESP32-PICO Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com