Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-PICO Datasheet(PDF) 35 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-PICO
Description  2.4 GHz Wi-Fi Bluetooth® Bluetooth LE SiP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-PICO Datasheet(HTML) 35 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-PICO Datasheet HTML 31Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 32Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 33Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 34Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 35Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 36Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 37Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 38Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 39Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
4 Peripherals
Table 13 describes the ADC characteristics.
Table 13: ADC Characteristics
Parameter
Description
Min
Max
Unit
DNL (Differential nonlinearity)
RTC controller; ADC connected to an
–7
7
LSB
external 100 nF capacitor; DC signal input;
INL (Integral nonlinearity)
ambient temperature at 25 °C;
–12
12
LSB
Wi-Fi&Bluetooth off
Sampling rate
RTC controller
—
200
ksps
DIG controller
—
2
Msps
Notes:
• When atten = 3 and the measurement result is above 3000 (voltage at approx. 2450 mV), the ADC
accuracy will be worse than described in the table above.
• To get better DNL results, users can take multiple sampling tests with a filter, or calculate the average
value.
• The input voltage range of GPIO pins within VDD3P3_RTC domain should strictly follow the DC
characteristics provided in Table 18. Otherwise, measurement errors may be introduced, and chip
performance may be affected.
By default, there are ±6% differences in measured results between chips. ESP-IDF provides couple of
calibration methods for ADC1. Results after calibration using eFuse Vref value are shown in Table 14. For higher
accuracy, users may apply other calibration methods provided in ESP-IDF, or implement their own.
Table 14: ADC Calibration Results
Parameter
Description
Min
Max
Unit
Total error
Atten = 0, effective measurement range of 100
∼ 950 mV
–23
23
mV
Atten = 1, effective measurement range of 100
∼ 1250 mV
–30
30
mV
Atten = 2, effective measurement range of 150
∼ 1750 mV
–40
40
mV
Atten = 3, effective measurement range of 150
∼ 2450 mV –60
60
mV
For details, see ESP32 Technical Reference Manual > Chapter On-Chip Sensors and Analog Signal
Processing.
Pin Assignment
With appropriate settings, the ADCs can be configured to measure voltage on 18 pins maximum. For detailed
information about the pin assignment, see ESP32 Series Datasheet > Section Peripheral Pin Configurations
and ESP32 Technical Reference Manual > Chapter IO_MUX and GPIO Matrix.
4.3.2 Digital-to-Analog Converter (DAC)
Two 8-bit DAC channels can be used to convert two digital signals into two analog voltage signal outputs. The
design structure is composed of integrated resistor strings and a buffer. This dual DAC supports power supply
as input voltage reference. The two DAC channels can also support independent conversions.
For details, see ESP32 Technical Reference Manual > Chapter On-Chip Sensors and Analog Signal
Processing.
Espressif Systems
35
Submit Documentation Feedback
ESP32-PICO Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com