Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-PICO Datasheet(PDF) 14 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-PICO
Description  2.4 GHz Wi-Fi Bluetooth® Bluetooth LE SiP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-PICO Datasheet(HTML) 14 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-PICO Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 12Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 14Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 15Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 16Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 17Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 18Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
Table 2 – cont’d from previous page
Name
No.
Type
Function
EN
9
I
High: On; enables the SiP
Low: Off; the SiP shuts down
Note: Do not leave this pin floating.
IO34
10
I
GPIO34,
ADC1_CH6, RTC_GPIO4
IO35
11
I
GPIO35,
ADC1_CH7, RTC_GPIO5
IO32
12
I/O
ADC1_CH4,TOUCH9,
RTC_GPIO9,32K_XP (32.768 kHz crystal oscillator input)
IO33
13
I/O
GPIO33,
ADC1_CH5, TOUCH8,
RTC_GPIO8, 32K_XN (32.768 kHz crystal oscillator output)
IO25
14
I/O
GPIO25,
DAC_1,
ADC2_CH8,RTC_GPIO6, EMAC_RXD0
IO26
15
I/O
GPIO26,
DAC_2,
ADC2_CH9,RTC_GPIO7, EMAC_RXD1
IO27
16
I/O
GPIO27,
ADC2_CH7, TOUCH7,
RTC_GPIO17, EMAC_RX_DV
IO14
17
I/O
GPIO14,
ADC2_CH6,TOUCH6,
RTC_GPIO16,HSPICLK, HS2_CLK,
SD_CLK,
MTMS, EMAC_TXD2
IO12
18
I/O
GPIO12,
ADC2_CH5,TOUCH5,
RTC_GPIO15,HSPIQ,
HS2_DATA2, SD_DATA2, MTDI,
EMAC_TXD3
VDD3P3_RTC
19
Power
Input power supply for RTC IO
IO13
20
I/O
GPIO13,
ADC2_CH4,TOUCH4,
RTC_GPIO14,HSPID,
HS2_DATA3, SD_DATA3, MTCK, EMAC_RX_ER
IO15
21
I/O
GPIO15,
ADC2_CH3,TOUCH3,
RTC_GPIO13,HSPICS0, HS2_CMD, SD_CMD,
MTDO, EMAC_RXD3
IO2
22
I/O
GPIO2,
ADC2_CH2,TOUCH2,
RTC_GPIO12,HSPIWP,
HS2_DATA0, SD_DATA0
IO0
23
I/O
GPIO0,
ADC2_CH1, TOUCH1,
RTC_GPIO11, CLK_OUT1,EMAC_TX_CLK
IO4
24
I/O
GPIO4,
ADC2_CH0,TOUCH0,
RTC_GPIO10,HSPIHD,
HS2_DATA1, SD_DATA1,
EMAC_TX_ER
VDD_SDIO
IO16
25
I/O
GPIO16,
HS1_DATA4,U2RXD,
EMAC_CLK_OUT
VDD_SDIO
26
Power
Output power supply
IO17
27
I/O
GPIO17,
HS1_DATA5,U2TXD,
EMAC_CLK_OUT_180
SD2
28
I/O
GPIO9,
SD_DATA2, SPIHD,
HS1_DATA2, U1RXD
SD3
29
I/O
GPIO10,
SD_DATA3, SPIWP,
HS1_DATA3, U1TXD
CMD
30
I/O
GPIO11,
SD_CMD,
SPICS0,
HS1_CMD,
U1RTS
CLK
31
I/O
GPIO6,
SD_CLK,
SPICLK,
HS1_CLK,
U1CTS
SD0
32
I/O
GPIO7,
SD_DATA0, SPIQ,
HS1_DATA0, U2RTS
Cont’d on next page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com