Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-PICO Datasheet(PDF) 10 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-PICO
Description  2.4 GHz Wi-Fi Bluetooth® Bluetooth LE SiP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-PICO Datasheet(HTML) 10 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-PICO Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 12Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 14Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
List of Figures
List of Figures
1
ESP32-PICO Functional Block Diagram
3
2
ESP32-PICO Series Nomenclature
11
3
Pin Layout of ESP32-PICO-D4 (Top View)
12
4
Pin Layout of ESP32-PICO-V3 and ESP32-PICO-V3-02 (Top View)
17
5
Visualization of Timing Parameters for the Strapping Pins
24
6
Chip Boot Flow
25
7
ESP32-PICO-D4 Schematics
47
8
ESP32-PICO-V3 Schematics
48
9
ESP32-PICO-V3-02 Schematics
49
10
ESP32-PICO-D4 Peripheral Schematics
50
11
ESP32-PICO-V3 Peripheral Schematics
51
12
ESP32-PICO-V3-02 Peripheral Schematics
52
13
ESP32-PICO-D4 Package
54
14
ESP32-PICO-V3 Package
55
15
ESP32-PICO-V3-02 Package
56
16
ESP32-PICO PCB Land Pattern
58
17
ESP32-PICO PCB STENCIL
59
Espressif Systems
10
Submit Documentation Feedback
ESP32-PICO Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com