Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-PICO Datasheet(PDF) 11 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-PICO
Description  2.4 GHz Wi-Fi Bluetooth® Bluetooth LE SiP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-PICO Datasheet(HTML) 11 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-PICO Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 12Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 14Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-PICO Datasheet HTML 15Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
1 ESP32-PICO Series Comparison
1 ESP32-PICO Series Comparison
1.1 ESP32-PICO Series Nomenclature
ESP32
PICO
D4/V3/V3-02
Chip series
PICO variant
SiP series
Figure 2: ESP32-PICO Series Nomenclature
1.2
Comparison
Table 1: ESP32-PICO Series Comparison
Ordering Code
Chip Revision1
In-Package Flash5
In-Package PSRAM
Dimensions (mm)
ESP32-PICO-D4 (NRND)
v1.0/v1.12
4 MB (Quad SPI)
—
7.0 x 7.0 x 0.94
ESP32-PICO-V3
v3.0/v3.13, 4
4 MB (Quad SPI)
—
7.0 x 7.0 x 0.94
ESP32-PICO-V3-02
v3.0/v3.13, 4
8 MB (Quad SPI)
2 MB (Quad SPI)
7.0 x 7.0 x 1.11
1 For chip revision identification and chip revision-specific errata, see ESP32 Series SoC Errata.
2 The ESP32 chip revision on ESP32-PICO-D4 is upgraded from v1.0 to v1.1. See PCN20220901 for more
details.
3 The ESP32 chip revision on ESP32-PICO-V3 and ESP32-PICO-V3-02 is upgraded from v3.0 to v3.1. See
PCN20220901 for more details.
4 For differences between chip revision v3.0 and previous ESP32 chip revisions, please refer to
ESP32 Chip Revision v3.0 User Guide.
5 The in-package flash supports:
- More than 100,000 program/erase cycles
- More than 20 years data retention time
Espressif Systems
11
Submit Documentation Feedback
ESP32-PICO Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com