Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 177 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 177 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 173Page - Cirrus Logic WM8994ECS/R Datasheet HTML 174Page - Cirrus Logic WM8994ECS/R Datasheet HTML 175Page - Cirrus Logic WM8994ECS/R Datasheet HTML 176Page - Cirrus Logic WM8994ECS/R Datasheet HTML 177Page - Cirrus Logic WM8994ECS/R Datasheet HTML 178Page - Cirrus Logic WM8994ECS/R Datasheet HTML 179Page - Cirrus Logic WM8994ECS/R Datasheet HTML 180Page - Cirrus Logic WM8994ECS/R Datasheet HTML 181Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 363 page
background image
WM8994
Rev 4.6
177
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R773 (0305h)
AIF1DAC
LRCLK
11
AIF1DAC_L
RCLK_DIR
0
Allows LRCLK1 to be enabled in Slave mode
0 = Normal
1 = LRCLK1 enabled in Slave mode
10:0
AIF1DAC_R
ATE [10:0]
040h
LRCLK1 Rate
LRCLK1 clock output =
BCLK1 / AIF1DAC_RATE
Integer (LSB = 1)
Valid from 8..2047
Table 89 AIF1 BCLK and LRCLK Control
AIF1 - DIGITAL AUDIO DATA CONTROL
The register bits controlling the audio data format, word length, left/right channel selection and TDM
control for AIF1 are described in Table 90.
In DSP mode, the left channel MSB is available on either the 1st (mode B) or 2nd (mode A) rising edge
of BCLK following a rising edge of LRCLK (assuming default BCLK polarity). This is selected using the
AIF1_LRCLK_INV register bit, as described in Table 89.
A digital gain function is available at the audio interface input path to boost the DAC volume when a
small signal is received on DACDAT1. This is controlled using the AIF1DAC_BOOST register. To
prevent clipping, this function should not be used when the boosted data is expected to be greater
than 0dBFS.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R768 (0300h)
AIF1 Control
(1)
15
AIF1ADCL_
SRC
0
AIF1 Left Digital Audio interface source
0 = Left ADC data is output on left channel
1 = Right ADC data is output on left channel
14
AIF1ADCR_
SRC
1
AIF1 Right Digital Audio interface source
0 = Left ADC data is output on right channel
1 = Right ADC data is output on right channel
13
AIF1ADC_T
DM
0
AIF1 transmit (ADC) TDM Control
0 = ADCDAT1
drives logic ‘0’ when not
transmitting data
1 = ADCDAT1 is tri-stated when not
transmitting data
6:5
AIF1_WL
[1:0]
10
AIF1 Digital Audio Interface Word Length
00 = 16 bits
01 = 20 bits
10 = 24 bits
11 = 32 bits
Note - 8-bit modes can be selected using the
“Companding” control bits.
4:3
AIF1_FMT
[1:0]
10
AIF1 Digital Audio Interface Format
00 = Right justified
01 = Left justified
10 = I2S Format
11 = DSP Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com