Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 181 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 181 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 177Page - Cirrus Logic WM8994ECS/R Datasheet HTML 178Page - Cirrus Logic WM8994ECS/R Datasheet HTML 179Page - Cirrus Logic WM8994ECS/R Datasheet HTML 180Page - Cirrus Logic WM8994ECS/R Datasheet HTML 181Page - Cirrus Logic WM8994ECS/R Datasheet HTML 182Page - Cirrus Logic WM8994ECS/R Datasheet HTML 183Page - Cirrus Logic WM8994ECS/R Datasheet HTML 184Page - Cirrus Logic WM8994ECS/R Datasheet HTML 185Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 363 page
background image
WM8994
Rev 4.6
181
AIF2 - MASTER / SLAVE AND TRI-STATE CONTROL
The Digital Audio Interface AIF2 can operate in Master or Slave modes, selected by AIF2_MSTR. In
Master mode, the BCLK2 and LRCLK2 signals are generated by the WM8994 when one or more AIF2
channels is enabled.
When AIF2_LRCLK_FRC or AIF2_CLK_FRC is set in Master mode, then LRCLK2 and ADCLRCLK2
are output at all times, including when none of the AIF2 audio channels is enabled. Note that LRCLK2
and ADCLRCLK2 are derived from BCLK2, and either an internal or external BCLK2 signal must also
be present to generate LRCLK2 or ADCLRCLK2.
When AIF2_CLK_FRC is set in Master mode, then BCLK2 is output at all times, including when none
of the AIF2 audio channels is enabled.
Note that the AIF2 pins are also GPIO pins, whose function is configurable. These pins must be
configured as AIF functions when used as audio interface pins. See “General Purpose Input/Output”.
The AIF2 interface can be tri-stated by setting the AIF2_TRI register. When this bit is set, then all of
the AIF2 outputs are un-driven (high-impedance). The AIF2_TRI register only affects those pins which
are configured for AIF2 functions; it does not affect pins which are configured for other functions.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R786 (0312h)
AIF2
Master/Slave
15
AIF2_TRI
0
AIF2 Audio Interface tri-state
0 = AIF2 pins operate normally
1 = Tri-state all AIF2 interface pins
Note that pins not configured as AIF2
functions are not affected by this register.
14
AIF2_MSTR
0
AIF2 Audio Interface Master Mode Select
0 = Slave mode
1 = Master mode
13
AIF2_CLK_F
RC
0
Forces BCLK2, LRCLK2 and ADCLRCLK2 to
be enabled when all AIF2 audio channels are
disabled.
0 = Normal
1 = BCLK2, LRCLK2 and ADCLRCLK2
always enabled in Master mode
12
AIF2_LRCL
K_FRC
0
Forces LRCLK2 and ADCLRCLK2 to be
enabled when all AIF2 audio channels are
disabled.
0 = Normal
1 = LRCLK2 and ADCLRCLK2 always
enabled in Master mode
Table 95 AIF2 Master / Slave and Tri-state Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com