Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 185 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 185 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 181Page - Cirrus Logic WM8994ECS/R Datasheet HTML 182Page - Cirrus Logic WM8994ECS/R Datasheet HTML 183Page - Cirrus Logic WM8994ECS/R Datasheet HTML 184Page - Cirrus Logic WM8994ECS/R Datasheet HTML 185Page - Cirrus Logic WM8994ECS/R Datasheet HTML 186Page - Cirrus Logic WM8994ECS/R Datasheet HTML 187Page - Cirrus Logic WM8994ECS/R Datasheet HTML 188Page - Cirrus Logic WM8994ECS/R Datasheet HTML 189Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 363 page
background image
WM8994
Rev 4.6
185
AIF2 - DIGITAL AUDIO DATA CONTROL
The register bits controlling the audio data format, word length, left/right channel selection and TDM
control for AIF2 are described in Table 98.
When TDM mode is enabled on AIF2, the WM8994 can transmit and receive audio data in Slot 0 or
Slot 1. In this case, the ADCDAT2 output is tri-stated during the unused timeslot, allowing another
device to transmit data on the same pin. See “Signal Timing Requirements” for the associated timing
details. (Note that, when TDM is not enable
d on AIF2, the ADCDAT2 output is driven logic ‘0’ during
the unused timeslot.)
In DSP mode, the left channel MSB is available on either the 1st (mode B) or 2nd (mode A) rising edge
of BCLK following a rising edge of LRCLK (assuming default BCLK polarity). This is selected using the
AIF2_LRCLK_INV register bit, as described in Table 97.
A digital gain function is available at the audio interface input path to boost the DAC volume when a
small signal is received on DACDAT2. This is controlled using the AIF2DAC_BOOST register. To
prevent clipping, this function should not be used when the boosted data is expected to be greater
than 0dBFS.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R784 (0310h)
AIF2 Control
(1)
15
AIF2ADCL_
SRC
0
AIF2 Left Digital Audio interface source
0 = Left ADC data is output on left channel
1 = Right ADC data is output on left channel
14
AIF2ADCR_
SRC
1
AIF2 Right Digital Audio interface source
0 = Left ADC data is output on right channel
1 = Right ADC data is output on right channel
13
AIF2ADC_T
DM
0
AIF2 transmit (ADC) TDM Enable
0 = Normal ADCDAT2 operation
1 = TDM enabled on ADCDAT2
12
AIF2ADC_T
DM_CHAN
0
AIF2 transmit (ADC) TDM Slot Select
0 = Slot 0
1 = Slot 1
6:5
AIF2_WL
[1:0]
10
AIF2 Digital Audio Interface Word Length
00 = 16 bits
01 = 20 bits
10 = 24 bits
11 = 32 bits
Note - 8-bit modes can be selected using the
“Companding” control bits.
4:3
AIF2_FMT
[1:0]
10
AIF2 Digital Audio Interface Format
00 = Right justified
01 = Left justified
10 = I2S Format
11 = DSP Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com