Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 182 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 182 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 178Page - Cirrus Logic WM8994ECS/R Datasheet HTML 179Page - Cirrus Logic WM8994ECS/R Datasheet HTML 180Page - Cirrus Logic WM8994ECS/R Datasheet HTML 181Page - Cirrus Logic WM8994ECS/R Datasheet HTML 182Page - Cirrus Logic WM8994ECS/R Datasheet HTML 183Page - Cirrus Logic WM8994ECS/R Datasheet HTML 184Page - Cirrus Logic WM8994ECS/R Datasheet HTML 185Page - Cirrus Logic WM8994ECS/R Datasheet HTML 186Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 363 page
background image
WM8994
182
Rev 4.6
AIF2 - SIGNAL PATH ENABLE
The AIF2 interface supports two input channels and two output channels. Each of the available
channels can be enabled or disabled using the register bits defined in Table 96.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4 (0004h)
Power
Management
(4)
13
AIF2ADCL_
ENA
0
Enable AIF2ADC (Left) output path
0 = Disabled
1 = Enabled
12
AIF2ADCR_
ENA
0
Enable AIF2ADC (Right) output path
0 = Disabled
1 = Enabled
R5 (0005h)
Power
Management
(5)
13
AIF2DACL_
ENA
0
Enable AIF2DAC (Left) input path
0 = Disabled
1 = Enabled
12
AIF2DACR_
ENA
0
Enable AIF2DAC (Right) input path
0 = Disabled
1 = Enabled
Table 96 AIF2 Signal Path Enable
AIF2 - BCLK AND LRCLK CONTROL
T
he BCLK2 frequency is controlled relative to AIF2CLK by the AIF2_BCLK_DIV divider. See “Clocking
and Sample Rates
” for details of the AIF2 clock, AIF2CLK.
The LRCLK2 frequency is controlled relative to BCLK2 by the AIF2DAC_RATE divider.
In Master mode, the LRCLK2 output is generated by the WM8994 when any of the AIF2 channels is
enabled. (Note that, when GPIO6 is configured as ADCLRCLK2, then only the AIF2 DAC channels will
cause LRCLK2 to be output.)
In Slave mode, the LRCLK2 output is disabled by default to allow another digital audio interface to
drive this pin. It is also possible to force the LRCLK2 signal to be output, using the
AIF2DAC_LRCLK_DIR or AIF2ADC_LRCLK_DIR register bits, allowing mixed master and slave
modes. (Note that, when GPIO6 is configured as ADCLRCLK2, then only the AIF2DAC_LRCLK_DIR
bit will force the LRCLK2 signal.)
When the GPIO6 pin is configured as ADCLRCLK2, then the ADCLRCLK2 frequency is controlled
relative to BCLK2 by the AIF2ADC_RATE divider. In this case, the ADCLRCLK2 is dedicated to AIF2
output, and the LRCLK2 pin is dedicated to AIF2 input, allowing different sample rates to be supported
in the two paths.
In Master mode, with GPIO6 pin configured as ADCLRCLK2, this output is enabled when any of the
AIF2 ADC channels is enabled. The ADCLRCLK2 signal can also be enabled in Slave mode, using
the AIF2ADC_LRCLK_DIR bit, allowing mixed master and slave modes.
See “General Purpose Input/Output” for the configuration of GPIO6.
The BCLK2 output can be inverted using the AIF2_BCLK_INV register bit. The LRCLK2 and
ADCLRCLK2 output (when selected) can be inverted using the AIF2_LRCLK_INV register control.
Note that in Slave mode, when BCLK2 is an input, the AIF2_BCLK_INV register selects the polarity of
the received BCLK2 signal. Under default conditions, DACDAT2 input is captured on the rising edge
of BCLK2, as illustrated in Figure 5. When AIF2_BCLK_INV = 1, DACDAT2 input is captured on the
falling edge of BCLK2.
The AIF2 clock generators are controlled as illustrated in Figure 65.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com