Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 179 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 179 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 175Page - Cirrus Logic WM8994ECS/R Datasheet HTML 176Page - Cirrus Logic WM8994ECS/R Datasheet HTML 177Page - Cirrus Logic WM8994ECS/R Datasheet HTML 178Page - Cirrus Logic WM8994ECS/R Datasheet HTML 179Page - Cirrus Logic WM8994ECS/R Datasheet HTML 180Page - Cirrus Logic WM8994ECS/R Datasheet HTML 181Page - Cirrus Logic WM8994ECS/R Datasheet HTML 182Page - Cirrus Logic WM8994ECS/R Datasheet HTML 183Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 363 page
background image
WM8994
Rev 4.6
179
AIF1 - COMPANDING
The WM8994 supports A-law and
-law companding on both transmit (ADC) and receive (DAC) sides
of AIF1. This is configured using the register bits described in Table 92.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R769 (0301h)
AIF1 Control
(2)
4
AIF1DAC_C
OMP
0
AIF1 Receive Companding Enable
0 = Disabled
1 = Enabled
3
AIF1DAC_C
OMPMODE
0
AIF1 Receive Companding Type
0 = µ-law
1 = A-law
2
AIF1ADC_C
OMP
0
AIF1 Transmit Companding Enable
0 = Disabled
1 = Enabled
1
AIF1ADC_C
OMPMODE
0
AIF1 Transmit Companding Type
0 = µ-law
1 = A-law
Table 92 AIF1 Companding
Companding involves using a piecewise linear approximation of the following equations (as set out by
ITU-T G.711 standard) for data compression:
-law (where =255 for the U.S. and Japan):
F(x) = ln( 1 +
|x|) / ln( 1 + )
} for -
1 ≤ x ≤ 1
A-law (where A=87.6 for Europe):
F(x) = A|x| / ( 1 + lnA)
 for x ≤ 1/A
F(x) = ( 1 + lnA|x|) / (1 + lnA)
 for 1/A ≤ x ≤ 1
The companded data is also inverted as recommended by the G.711 standard (all 8 bits are inverted
for
-law, all even data bits are inverted for A-law). The data will be transmitted as the first 8 MSBs of
data.
Companding converts 13 bits (
-law) or 12 bits (A-law) to 8 bits using non-linear quantization. This
provides greater precision for low amplitude signals than for high amplitude signals, resulting in a
greater usable dynamic range than 8 bit linear quantization. The companded signal is an 8-bit word
comprising sign (1 bit), exponent (3 bits) and mantissa (4 bits).
AIF1 8-bit mode is selected whenever AIF1DAC_COMP=1 or AIF1ADC_COMP=1. The use of 8-bit
data allows samples to be passed using as few as 8 BCLK1 cycles per LRCLK1 frame. When using
DSP mode B, 8-bit data words may be transferred consecutively every 8 BCLK1 cycles.
AIF1 8-bit mode (without Companding) may be enabled by setting AIF1DAC_COMPMODE=1 or
AIF1ADC_COMPMODE=1, when AIF1DAC_COMP=0 and AIF1ADC_COMP=0.
BIT7
BIT[6:4]
BIT[3:0]
SIGN
EXPONENT
MANTISSA
Table 93 8-bit Companded Word Composition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com