Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 187 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 187 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 183Page - Cirrus Logic WM8994ECS/R Datasheet HTML 184Page - Cirrus Logic WM8994ECS/R Datasheet HTML 185Page - Cirrus Logic WM8994ECS/R Datasheet HTML 186Page - Cirrus Logic WM8994ECS/R Datasheet HTML 187Page - Cirrus Logic WM8994ECS/R Datasheet HTML 188Page - Cirrus Logic WM8994ECS/R Datasheet HTML 189Page - Cirrus Logic WM8994ECS/R Datasheet HTML 190Page - Cirrus Logic WM8994ECS/R Datasheet HTML 191Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 363 page
background image
WM8994
Rev 4.6
187
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R785 (0311h)
AIF2 Control
(2)
8
AIF2_MONO
0
AIF2 DSP Mono Mode
0 = Disabled
1 = Enabled
Note that Mono Mode is only supported when
AIF2_FMT = 11. The number of BCLK cycles
per LRCLK frame must be less the 2 x AIF2
Word Length.
Table 99 AIF2 Mono Mode Control
AIF2 - COMPANDING
The WM8994 supports A-law and
-law companding on both transmit (ADC) and receive (DAC) sides
of AIF2. This is configured using the register bits described in Table 100.
For more details on Companding, see the Audio Interface AIF1 description above.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R785 (0311h)
AIF2 Control
(2)
4
AIF2DAC_C
OMP
0
AIF2 Receive Companding Enable
0 = Disabled
1 = Enabled
3
AIF2DAC_C
OMPMODE
0
AIF2 Receive Companding Type
0 = µ-law
1 = A-law
2
AIF2ADC_C
OMP
0
AIF2 Transmit Companding Enable
0 = Disabled
1 = Enabled
1
AIF2ADC_C
OMPMODE
0
AIF2 Transmit Companding Type
0 = µ-law
1 = A-law
Table 100 AIF2 Companding
AIF2 - LOOPBACK
The AIF2 interface can provide a Loopback option. When the AIF2_LOOPBACK bit is set, then AIF2
digital audio output is routed to the AIF2 digital audio input. The normal input (DACDAT2) is not used
when AIF2 Loopback is enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R785 (0311h)
AIF2 Control
(2)
0
AIF2_LOOP
BACK
0
AIF2 Digital Loopback Function
0 = No loopback
1 = Loopback enabled (ADCDAT2 data output
is directly input to DACDAT2 data input).
Table 101 AIF2 Loopback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com