Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 189 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 189 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 185Page - Cirrus Logic WM8994ECS/R Datasheet HTML 186Page - Cirrus Logic WM8994ECS/R Datasheet HTML 187Page - Cirrus Logic WM8994ECS/R Datasheet HTML 188Page - Cirrus Logic WM8994ECS/R Datasheet HTML 189Page - Cirrus Logic WM8994ECS/R Datasheet HTML 190Page - Cirrus Logic WM8994ECS/R Datasheet HTML 191Page - Cirrus Logic WM8994ECS/R Datasheet HTML 192Page - Cirrus Logic WM8994ECS/R Datasheet HTML 193Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 363 page
background image
WM8994
Rev 4.6
189
The GPIO11 pin also supports the BCLK3 function. When configured as BCLK3, this pin outputs the
BCLK signal from AIF1 or AIF2. The applicable AIF source is determined automatically as defined in
Table 102. Note that the BCLK3 signal is also controlled by the logic illustrated in Figure 62 (AIF1) or
Figure 65 (AIF2), depending on the selected AIF source.
CONDITION
DESCRIPTION
AIF1_DACDAT_SRC = 1
(DACDAT3 selected as AIF1 data input)
AIF1 selected as BCLK3 / LRCLK3 source
AIF3_ADCDAT_SRC[1:0] = 00
(AIF1 data output selected on ADCDAT3)
AIF1 selected as BCLK3 / LRCLK3 source
All other conditions
AIF2 selected as BCLK3 / LRCLK3 source
Table 102 BCLK3 / LRCLK3 Configuration
AIF3 interface can be tri-stated by setting the AIF3_TRI register. When this bit is set, then all of the
AIF3 outputs are un-driven (high-impedance). The AIF3_TRIS register only affects those pins which
are configured for AIF3 functions; it does not affect pins which are configured for other functions.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (0006h)
Power
Management
(6)
5
AIF3_TRI
0
AIF3 Audio Interface tri-state
0 = AIF3 pins operate normally
1 = Tri-state all AIF3 interface pins
Note that pins not configured as AIF3
functions are not affected by this register.
4:3
AIF3_ADCD
AT_SRC
[1:0]
00
GPIO9/ADCDAT3 Source select
00 = AIF1 ADCDAT1
01 = AIF2 ADCDAT2
10 = GPIO5/DACDAT2
11 = Reserved
Note that GPIO9 must be configured as
ADCDAT3. For selection 10, the GPIO5 pin
must also be configured as DACDAT2.
2
AIF2_ADCD
AT_SRC
0
GPIO7/ADCDAT2 Source select
0 = AIF2 ADCDAT2
1 = GPIO8/DACDAT3
Note that GPIO7 must be configured as
ADCDAT2. For selection 1, the GPIO8 pin
must also be configured as DACDAT3.
1
AIF2_DACD
AT_SRC
0
AIF2 DACDAT Source select
0 = GPIO5/DACDAT2
1 = GPIO8/DACDAT3
Note that the selected source must be
configured as DACDAT2 or DACDAT3.
0
AIF1_DACD
AT_SRC
0
AIF1 DACDAT Source select
0 = DACDAT1
1 = GPIO8/DACDAT3
Note that, for selection 1, the GPIO8 pin must
be configured as DACDAT3.
Table 103 Audio Interface AIF3 Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com