Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 193 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 193 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 189Page - Cirrus Logic WM8994ECS/R Datasheet HTML 190Page - Cirrus Logic WM8994ECS/R Datasheet HTML 191Page - Cirrus Logic WM8994ECS/R Datasheet HTML 192Page - Cirrus Logic WM8994ECS/R Datasheet HTML 193Page - Cirrus Logic WM8994ECS/R Datasheet HTML 194Page - Cirrus Logic WM8994ECS/R Datasheet HTML 195Page - Cirrus Logic WM8994ECS/R Datasheet HTML 196Page - Cirrus Logic WM8994ECS/R Datasheet HTML 197Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 363 page
background image
WM8994
Rev 4.6
193
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R512 (0200h)
AIF 1
Clocking (1)
4:3
AIF1CLK_SR
C
00
AIF1CLK Source Select
00 = MCLK1
01 = MCLK2
10 = FLL1
11 = FLL2
2
AIF1CLK_INV
0
AIF1CLK Invert
0 = AIF1CLK not inverted
1 = AIF1CLK inverted
1
AIF1CLK_DIV
0
AIF1CLK Divider
0 = AIF1CLK
1 = AIF1CLK / 2
0
AIF1CLK_EN
A
0
AIF1CLK Enable
0 = Disabled
1 = Enabled
Table 105 AIF1CLK Enable
AIF1 CLOCKING CONFIGURATION
The WM8994 supports a wide range of standard audio sample rates from 8kHz to 96kHz. The AIF1
clocking configuration is selected using 4 control fields, which are set according to the required AIF
digital audio sample rate, and the ADC/DAC clocking rate.
The AIF1_SR register is set according to the AIF1 sample rate. Note that 88.2kHz and 96kHz modes
are supported for AIF1 input (DAC playback) only.
The AIF1CLK_RATE register is set according to the ratio of AIF1CLK to the AIF1 sample rate. Note
that there a some restrictions on the supported clocking ratios, depending on the selected sample rate
and operating conditions. The supported configurations are detailed in the “Digital Microphone
Interface
”, “Analogue to Digital Converter (ADC)” and “Digital to Analogue Converter (DAC)” sections,
according to each applicable function.
The audio interface can support different sample rates for the input data (DAC path) and output data
(ADC path) simultaneously. In this case, the AIF1_SR and AIF1CLK_RATE fields should be set
according to the faster of the two sample rates.
When different sample rates are used for input data (DAC path) and output data (ADC path), the
clocking of the slower path is set using AIF1DAC_DIV (if the AIF input path has the slower sample
rate) or AIF1ADC_DIV (if the AIF output path has the slower sample rate). The appropriate divider is
set according to the ratio of the two sample rates.
For example, if AIF1 input uses 48kHz sample rate, and AIF1 output uses 8kHz, then AIF1ADC_DIV
should be set to 110b (divide by 6).
Note that the audio interface cannot support every possible combination of input and output sample
rate simultaneously, but only where the ratio of the sample rates matches the available AIF1ADC_DIV
or AIF1DAC_DIV divider settings.
Note that the WM8994 performs sample rate conversion, where necessary, to provide digital mixing
and interconnectivity between the Audio Interfaces and the DSP Core functions. One stereo Sample
Rate Converter (SRC) is provided for audio input; a second stereo SRC is provided for audio output.
Each SRC is automatically configured on AIF1 or AIF2, depending on the selected Clocking and
Sample Rate settings. The WM8994 cannot support configurations that would require SRC on the
input or output paths of both interfaces simultaneously. See “Sample Rate Conversion” for further
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com