Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 196 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 196 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 192Page - Cirrus Logic WM8994ECS/R Datasheet HTML 193Page - Cirrus Logic WM8994ECS/R Datasheet HTML 194Page - Cirrus Logic WM8994ECS/R Datasheet HTML 195Page - Cirrus Logic WM8994ECS/R Datasheet HTML 196Page - Cirrus Logic WM8994ECS/R Datasheet HTML 197Page - Cirrus Logic WM8994ECS/R Datasheet HTML 198Page - Cirrus Logic WM8994ECS/R Datasheet HTML 199Page - Cirrus Logic WM8994ECS/R Datasheet HTML 200Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 363 page
background image
WM8994
196
Rev 4.6
Note that the audio interface cannot support every possible combination of input and output sample
rate simultaneously, but only where the ratio of the sample rates matches the available AIF2ADC_DIV
or AIF2DAC_DIV divider settings.
Note that the WM8994 performs sample rate conversion, where necessary, to provide digital mixing
and interconnectivity between the Audio Interfaces and the DSP Core functions. One stereo Sample
Rate Converter (SRC) is provided for audio input; a second stereo SRC is provided for audio output.
Each SRC is automatically configured on AIF1 or AIF2, depending on the selected Clocking and
Sample Rate settings. The WM8994 cannot support configurations that would require SRC on the
input or output paths of both interfaces si
multaneously. See “Sample Rate Conversion” for further
details.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R517
(0205h)
AIF 2
Clocking
(2)
5:3
AIF2DAC_DIV
000
Selects the AIF2 input path sample rate relative
to the AIF2 output path sample rate.
This field should only be changed from default in
modes where the AIF2 input path sample rate is
slower than the AIF2 output path sample rate.
000 = Divide by 1
001 = Divide by 1.5
010 = Divide by 2
011 = Divide by 3
100 = Divide by 4
101 = Divide by 5.5
110 = Divide by 6
111 = Reserved
2:0
AIF2ADC_DIV
000
Selects the AIF2 output path sample rate
relative to the AIF2 input path sample rate.
This field should only be changed from default in
modes where the AIF2 output path sample rate
is slower than the AIF2 input path sample rate.
000 = Divide by 1
001 = Divide by 1.5
010 = Divide by 2
011 = Divide by 3
100 = Divide by 4
101 = Divide by 5.5
110 = Divide by 6
111 = Reserved
R529
(0211h)
AIF2
Rate
7:4
AIF2_SR
1000
Selects the AIF2 Sample Rate (fs)
0000 = 8kHz
0001 = 11.025kHz
0010 = 12kHz
0011 = 16kHz
0100 = 22.05kHz
0101 = 24kHz
0110 = 32kHz
0111 = 44.1kHz
1000 = 48kHz
1001 = 88.2kHz
1010 = 96kHz
All other codes = Reserved
Note that 88.2kHz and 96kHz modes are
supported for AIF2 input (DAC playback) only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com