Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 194 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 194 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 190Page - Cirrus Logic WM8994ECS/R Datasheet HTML 191Page - Cirrus Logic WM8994ECS/R Datasheet HTML 192Page - Cirrus Logic WM8994ECS/R Datasheet HTML 193Page - Cirrus Logic WM8994ECS/R Datasheet HTML 194Page - Cirrus Logic WM8994ECS/R Datasheet HTML 195Page - Cirrus Logic WM8994ECS/R Datasheet HTML 196Page - Cirrus Logic WM8994ECS/R Datasheet HTML 197Page - Cirrus Logic WM8994ECS/R Datasheet HTML 198Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 363 page
background image
WM8994
194
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R513 (0201h)
AIF 1
Clocking (2)
5:3
AIF1DAC_DIV
000
Selects the AIF1 input path sample rate
relative to the AIF1 output path sample
rate.
This field should only be changed from
default in modes where the AIF1 input path
sample rate is slower than the AIF1 output
path sample rate.
000 = Divide by 1
001 = Divide by 1.5
010 = Divide by 2
011 = Divide by 3
100 = Divide by 4
101 = Divide by 5.5
110 = Divide by 6
111 = Reserved
2:0
AIF1ADC_DIV
000
Selects the AIF1 output path sample rate
relative to the AIF1 input path sample rate.
This field should only be changed from
default in modes where the AIF1 output
path sample rate is slower than the AIF1
input path sample rate.
000 = Divide by 1
001 = Divide by 1.5
010 = Divide by 2
011 = Divide by 3
100 = Divide by 4
101 = Divide by 5.5
110 = Divide by 6
111 = Reserved
R528 (0210h)
AIF1 Rate
7:4
AIF1_SR
1000
Selects the AIF1 Sample Rate (fs)
0000 = 8kHz
0001 = 11.025kHz
0010 = 12kHz
0011 = 16kHz
0100 = 22.05kHz
0101 = 24kHz
0110 = 32kHz
0111 = 44.1kHz
1000 = 48kHz
1001 = 88.2kHz
1010 = 96kHz
All other codes = Reserved
Note that 88.2kHz and 96kHz modes are
supported for AIF1 input (DAC playback)
only.
3:0
AIF1CLK_RAT
E
0011
Selects the AIF1CLK / fs ratio
0000 = Reserved
0001 = 128
0010 = 192
0011 = 256
0100 = 384
0101 = 512
0110 = 768
0111 = 1024
1000 = 1408
1001 = 1536
All other codes = Reserved
Table 106 AIF1 Clocking Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com