Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 195 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 195 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 191Page - Cirrus Logic WM8994ECS/R Datasheet HTML 192Page - Cirrus Logic WM8994ECS/R Datasheet HTML 193Page - Cirrus Logic WM8994ECS/R Datasheet HTML 194Page - Cirrus Logic WM8994ECS/R Datasheet HTML 195Page - Cirrus Logic WM8994ECS/R Datasheet HTML 196Page - Cirrus Logic WM8994ECS/R Datasheet HTML 197Page - Cirrus Logic WM8994ECS/R Datasheet HTML 198Page - Cirrus Logic WM8994ECS/R Datasheet HTML 199Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 363 page
background image
WM8994
Rev 4.6
195
AIF2CLK ENABLE
The AIF2CLK_SRC register is used to select the AIF2CLK source. The source may be MCLK1,
MCLK2, FLL1 or FLL2. If either of the Frequency Locked Loops is selected as the source, then the
FLL(s) must be enabled and configured as described later.
The AIF2CLK clock may be adjusted by the AIF2CLK_DIV divider, which provides a divide-by-two
option. The selected source may also be inverted by setting the AIF2CLK_INV bit.
The maximum AIF2CLK frequency is specified in the “Electrical Characteristics” section. Note that,
when AIF2CLK_DIV = 1, the maximum frequency limit applies to the divided-down AIF2CLK
frequency.
The AIF2CLK is enabled by the register bit AIF2CLK_ENA. This bit should be set to 0 when
reconfiguring the clock sources. It is not recommended to change AIF2CLK_SRC while the
AIF2CLK_ENA bit is set.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R516 (0204h)
AIF 2
Clocking (1)
4:3
AIF2CLK_SR
C
00
AIF2CLK Source Select
00 = MCLK1
01 = MCLK2
10 = FLL1
11 = FLL2
2
AIF2CLK_INV
0
AIF2CLK Invert
0 = AIF2CLK not inverted
1 = AIF2CLK inverted
1
AIF2CLK_DIV
0
AIF2CLK Divider
0 = AIF2CLK
1 = AIF2CLK / 2
0
AIF2CLK_EN
A
0
AIF2CLK Enable
0 = Disabled
1 = Enabled
Table 107 AIF2CLK Enable
AIF2 CLOCKING CONFIGURATION
The WM8994 supports a wide range of standard audio sample rates from 8kHz to 96kHz. The AIF2
clocking configuration is selected using 4 control fields, which are set according to the required AIF
digital audio sample rate, and the ADC/DAC clocking rate.
The AIF2_SR register is set according to the AIF2 sample rate. Note that 88.2kHz and 96kHz modes
are supported for AIF2 input (DAC playback) only.
The AIF2CLK_RATE register is set according to the ratio of AIF2CLK to the AIF2 sample rate. Note
that there a some restrictions on the supported clocking ratios, depending on the selected sample rate
and operating conditions. The supported configurations are detailed in the “Digital Microphone
Interface
”, “Analogue to Digital Converter (ADC)” and “Digital to Analogue Converter (DAC)” sections,
according to each applicable function.
The audio interface can support different sample rates for the input data (DAC path) and output data
(ADC path) simultaneously. In this case, the AIF2_SR and AIF2CLK_RATE fields should be set
according to the faster of the two sample rates.
When different sample rates are used for input data (DAC path) and output data (ADC path), the
clocking of the slower path is set using AIF2DAC_DIV (if the AIF input path has the slower sample
rate) or AIF2ADC_DIV (if the AIF output path has the slower sample rate). The appropriate divider is
set according to the ratio of the two sample rates.
For example, if AIF2 input uses 48kHz sample rate, and AIF2 output uses 8kHz, then AIF2ADC_DIV
should be set to 110b (divide by 6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com