Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 197 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 197 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 193Page - Cirrus Logic WM8994ECS/R Datasheet HTML 194Page - Cirrus Logic WM8994ECS/R Datasheet HTML 195Page - Cirrus Logic WM8994ECS/R Datasheet HTML 196Page - Cirrus Logic WM8994ECS/R Datasheet HTML 197Page - Cirrus Logic WM8994ECS/R Datasheet HTML 198Page - Cirrus Logic WM8994ECS/R Datasheet HTML 199Page - Cirrus Logic WM8994ECS/R Datasheet HTML 200Page - Cirrus Logic WM8994ECS/R Datasheet HTML 201Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 363 page
background image
WM8994
Rev 4.6
197
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3:0
AIF2CLK_RAT
E
0011
Selects the AIF2CLK / fs ratio
0000 = Reserved
0001 = 128
0010 = 192
0011 = 256
0100 = 384
0101 = 512
0110 = 768
0111 = 1024
1000 = 1408
1001 = 1536
All other codes = Reserved
Table 108 AIF2 Clocking Configuration
MISCELLANEOUS CLOCK CONTROLS
SYSCLK provides clocking for many of the WM8994 functions. SYSCLK clock is required to support
DSP Core functions and also the Charge Pump, Class D switching amplifier, DC servo control,
Control Write Sequencer and other internal functions.
The SYSCLK_SRC register is used to select the SYSCLK source. The source may be AIF1CLK or
AIF2CLK. Note that the bandwidth of the digital audio mixing paths will be determined by the sample
rate of whichever AIF is selected as the SYSCLK source. When using only one audio interface, the
active interface should be selected as the SYSCLK source. For best audio performance when using
AIF1 and AIF2 simultaneously, the SYSCLK source must select the AIF with the highest sample rate
(AIFn_SR).
The AIF1 DSP processing clock is derived from SYSCLK, and enabled by AIF1DSPCLK_ENA.
The AIF2 DSP processing clock is derived from SYSCLK, and enabled by AIF2DSPCLK_ENA.
The clocking of the WM8994 ADC, DAC, digital mixer and digital microphone functions is enabled by
setting SYSDSPCLK_ENA.
See “Digital Microphone Interface” for details of the DMICCLK frequency.
Two modes of ADC / Digital Microphone operation can be selected using the ADC_OSR128 bit. This
bit is enabled by default, giving best audio performance. De-selecting this bit provides a low power
alternative setting.
A high performance mode of DAC operation can be selected by setting the DAC_OSR128 bit. When
the DAC_OSR128 bit is set, the audio performance is improved, but power consumption is also
increased.
A clock is required for the Charge Pump circuit when the ground-referenced headphone outputs
(HPOUT1L and HPOUT1R) are enabled. The Charge Pump clock is derived from SYSCLK whenever
the Charge Pump is enabled. The Charge Pump clock division is configured automatically.
A clock is required for the Class D speaker driver circuit when the speaker outputs (SPKOUTL and
SPKOUTR) are enabled. The Class D clock is derived from SYSCLK whenever these outputs are
enabled in Class D mode. The Class D clock division is configured automatically. See “Analogue
Outputs
” for details of the Class D switching frequency.
A clock output (OPCLK) derived from SYSCLK may be output on a GPIO pin. This clock is enabled by
register big OPCLK_ENA, and its frequency of this clock is controlled by OPCLK_DIV. See General
Purpose Input/Output
” to configure a GPIO pin for this function.
A slow clock (TOCLK) is derived internally in order to control volume update timeouts when the zero-
cross option is selected. This clock is enabled by register bit TOCLK_ENA, and its frequency is
controlled by TOCLK_DIV.
A de-bounce control is provided for GPIO inputs and for other functions that may be selected as GPIO
outputs. The de-bounced clock frequency is controlled by DBCLK_DIV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com