Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 198 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 198 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 194Page - Cirrus Logic WM8994ECS/R Datasheet HTML 195Page - Cirrus Logic WM8994ECS/R Datasheet HTML 196Page - Cirrus Logic WM8994ECS/R Datasheet HTML 197Page - Cirrus Logic WM8994ECS/R Datasheet HTML 198Page - Cirrus Logic WM8994ECS/R Datasheet HTML 199Page - Cirrus Logic WM8994ECS/R Datasheet HTML 200Page - Cirrus Logic WM8994ECS/R Datasheet HTML 201Page - Cirrus Logic WM8994ECS/R Datasheet HTML 202Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 363 page
background image
WM8994
198
Rev 4.6
The WM8994 generates a 256kHz clock for internal functions; TOCLK and DBCLK are derived from
this 256kHz clock. In order to generate this clock correctly when SYSCLK_SRC = 0, valid settings are
required for AIF1_SR and AIF1CLK_RATE. To generate this clock correctly when SYSCLK_SRC = 1,
valid settings are required for AIF2_SR and AIF2CLK_RATE.
The WM8994 Clocking is illustrated in Figure 68.
SYSCLK
Clocking for
Digital Mixer Processing
SYSDSPCLK_ENA
Clocking for PGA Zero-Cross timeouts
f/N
f/N
f/N
256kHz
AIFn_SR [3:0]
AIFnCLK_RATE [3:0]
(Either AIF1 or AIF2 settings
selected, depending on
SYSCLK_SRC.)
TOCLK_DIV [2:0]
DBCLK_DIV [2:0]
TOCLK_ENA
f/N
OPCLK
OPCLK may be
output on a GPIO pin
OPCLK_DIV [2:0]
OPCLK_ENA
Charge Pump clock
f/N
(configured automatically)
CP_ENA
Class D output driver clock
f/N
SPKOUTR_ENA or
SPKOUTL_ENA
AIFn_SR [3:0]
AIFnCLK_RATE [3:0]
(Either AIF1 or AIF2 settings
selected, depending on
SYSCLK_SRC.)
f/N
AIFn_SR [3:0]
AIFnCLK_RATE [3:0]
(Either AIF1 or AIF2 settings
selected, depending on
SYSCLK_SRC.)
Clocking for ADC, DAC
and Digital Microphone
(DMICCLK)
AIF2_SR [3:0]
AIF2CLK_RATE [3:0]
AIF2DSPCLK_ENA
AIF1_SR [3:0]
AIF1CLK_RATE [3:0]
AIF1DSPCLK_ENA
AIF2 DSP
AIF1 DSP
Clocking for AIF1
DSP functions
Clocking for AIF2
DSP functions
Clocking for GPIO de-bounce
Figure 68 System Clocking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com