Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 202 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 202 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 198Page - Cirrus Logic WM8994ECS/R Datasheet HTML 199Page - Cirrus Logic WM8994ECS/R Datasheet HTML 200Page - Cirrus Logic WM8994ECS/R Datasheet HTML 201Page - Cirrus Logic WM8994ECS/R Datasheet HTML 202Page - Cirrus Logic WM8994ECS/R Datasheet HTML 203Page - Cirrus Logic WM8994ECS/R Datasheet HTML 204Page - Cirrus Logic WM8994ECS/R Datasheet HTML 205Page - Cirrus Logic WM8994ECS/R Datasheet HTML 206Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 363 page
background image
WM8994
202
Rev 4.6
The FLL is enabled using the FLLn_ENA register bit (where n = 1 for FLL1 and n = 2 for FLL2). Note
that the other FLL registers should be configured before enabling the FLL; the FLLn_ENA register bit
should be set as the final step of the FLLn enable sequence.
When changing FLL settings, it is recommended that the digital circuit be disabled via FLLn_ENA and
then re-enabled after the other register settings have been updated. When changing the input
reference frequency FREF, it is recommended that the FLL be reset by setting FLLn_ENA to 0.
Note that, for normal operation of the FLLs, the reference voltage VMID and the bias current must
also be enabled. See “Reference Voltages and Master Bias” for details of the associated controls
VMID_SEL and BIAS_ENA.
The field FLLn_REFCLK_DIV provides the option to divide the input reference (MCLK, BCLK or
LRCLK) by 1, 2, 4 or 8. This field should be set to bring the reference down to 13.5MHz or below. For
best performance, it is recommended that the highest possible frequency - within the 13.5MHz limit -
should be selected.
The FLL output frequency is directly determined from FLLn_FRATIO, FLLn_OUTDIV and the real
number represented by N.K. The integer portion, N, is held in the FLLn_N register field (LSB = 1); the
fractional portion of N.K is held in the FLLn_K register field (MSB = 0.5).
The FLL output frequency is generated according to the following equation:
FOUT = (FVCO / FLLn_OUTDIV)
The FLL operating frequency, FVCO is set according to the following equation:
FVCO = (FREF x N.K x FLLn_FRATIO)
FREF is the input frequency, as determined by FLLn_REFCLK_DIV.
FVCO must be in the range 90-100 MHz. Frequencies outside this range cannot be supported.
Note that the output frequencies that do not lie within the ranges quoted above cannot be guaranteed
across the full range of device operating conditions.
In order to follow the above requirements for FVCO, the value of FLLn_OUTDIV should be selected
according to the desired output FOUT. The divider, FLLn_OUTDIV, must be set so that FVCO is in the
range 90-100MHz. The available divisions are integers from 4 to 64. Some typical settings of
FLLn_OUTDIV are noted in Table 110.
OUTPUT FREQUENCY FOUT
FLLn_OUTDIV
1.875 MHz - 2.0833 MHz
101111 (divide by 48)
2.8125 MHz - 3.125 MHz
011111 (divide by 32)
3.75 MHz - 4.1667 MHz
010111 (divide by 24)
5.625 MHz - 6.25 MHz
001111 (divide by 16)
11.25 MHz - 12.5 MHz
000111 (divide by 8)
18 MHz - 20 MHz
000100 (divide by 5)
22.5 MHz - 25 MHz
000011 (divide by 4)
Table 110 Selection of FLLn_OUTDIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com