Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 204 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 204 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 200Page - Cirrus Logic WM8994ECS/R Datasheet HTML 201Page - Cirrus Logic WM8994ECS/R Datasheet HTML 202Page - Cirrus Logic WM8994ECS/R Datasheet HTML 203Page - Cirrus Logic WM8994ECS/R Datasheet HTML 204Page - Cirrus Logic WM8994ECS/R Datasheet HTML 205Page - Cirrus Logic WM8994ECS/R Datasheet HTML 206Page - Cirrus Logic WM8994ECS/R Datasheet HTML 207Page - Cirrus Logic WM8994ECS/R Datasheet HTML 208Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 363 page
background image
WM8994
204
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R544 (0220h)
FLL1 Control (1)
0
FLL1_ENA
0
FLL1 Enable
0 = Disabled
1 = Enabled
This should be set as the final step
of the FLL1 enable sequence, ie.
after the other FLL registers have
been configured.
R545 (0221h)
FLL1 Control (2)
13:8
FLL1_OUTDIV
[5:0]
000000
FLL1 FOUT clock divider
000000 = Reserved
000001 = Reserved
000010 = Reserved
000011 = 4
000100 = 5
000101 = 6
…
111110 = 63
111111 = 64
(FOUT = FVCO / FLL1_OUTDIV)
2:0
FLL1_FRATIO
[2:0]
000
FLL1 FVCO clock divider
000 = 1
001 = 2
010 = 4
011 = 8
1XX = 16
R546 (0222h)
FLL1 Control (3)
15:0
FLL1_K[15:0]
0000h
FLL1 Fractional multiply for FREF
(MSB = 0.5)
R547 (0223h)
FLL1 Control (4)
14:5
FLL1_N[9:0]
000h
FLL1 Integer multiply for FREF
(LSB = 1)
R548 (0224h)
FLL1 Control (5)
4:3
FLL1_REFCLK_
DIV [1:0]
00
FLL1 Clock Reference Divider
00 = MCLK / 1
01 = MCLK / 2
10 = MCLK / 4
11 = MCLK / 8
MCLK (or other input reference)
must be divided down to
<=13.5MHz.
For lower power operation, the
reference clock can be divided
down further if desired.
1:0
FLL1_REFCLK_
SRC [1:0]
00
FLL1 Clock source
00 = MCLK1
01 = MCLK2
10 = LRCLK1
11 = BCLK1
Table 112 FLL1 Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com