Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 207 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 207 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 203Page - Cirrus Logic WM8994ECS/R Datasheet HTML 204Page - Cirrus Logic WM8994ECS/R Datasheet HTML 205Page - Cirrus Logic WM8994ECS/R Datasheet HTML 206Page - Cirrus Logic WM8994ECS/R Datasheet HTML 207Page - Cirrus Logic WM8994ECS/R Datasheet HTML 208Page - Cirrus Logic WM8994ECS/R Datasheet HTML 209Page - Cirrus Logic WM8994ECS/R Datasheet HTML 210Page - Cirrus Logic WM8994ECS/R Datasheet HTML 211Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 363 page
background image
WM8994
Rev 4.6
207
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R580 (0244h)
FLL2 Control (5)
12:7
FLL2_FRC_NCO
_VAL [5:0]
19h
FLL2 Forced oscillator value
Valid range is 000000 to 111111
0x19h (011001) = 12MHz approx
(Note that this field is required for
free-running FLL modes only)
6
FLL2_FRC_NCO
0
FLL2 Forced control select
0 = Normal
1 = FLL2 oscillator controlled by
FLL2_FRC_NCO_VAL
(Note that this field is required for
free-running FLL modes only)
Table 114 FLL Free-Running Mode
GPIO OUTPUTS FROM FLL
For each FLL, the WM8994 has an internal signal which indicates whether the FLL Lock has been
achieved. The FLL Lock status is an input to the Interrupt control circuit and can be used to trigger an
Interrupt event -
see “Interrupts”.
The FLL Lock signal can be output directly on a GPIO pin as an external indication of FLL Lock. See
“General Purpose Input/Output” for details of how to configure a GPIO pin to output the FLL Lock
signal.
The FLL Clock can be output directly on a GPIO pin as a clock signal for other circuits. Note that the
FLL Clock may be output even if the FLL is not selected as the WM8994 SYSCLK source. The FLL
clocking configuration is illustrated in Figure 70.
See “General Purpose Input/Output” for details of how
to configure a GPIO pin to output the FLL Clock.
EXAMPLE FLL CALCULATION
The following example illustrates how to derive the FLL1 registers to generate 12.288 MHz output
(FOUT) from a 12.000 MHz reference clock (FREF):
Set FLL1_REFCLK_DIV in order to generate FREF <=13.5MHz:
FLL1_REFCLK_DIV = 00 (divide by 1)
Set FLL1_OUTDIV for the required output frequency as shown in Table 110:-
FOUT = 12.288 MHz, therefore FLL1_OUTDIV = 7h (divide by 8)
Set FLL1_FRATIO for the given reference frequency as shown in Table 111:
FREF = 12MHz, therefore FLL1_FRATIO = 0h (divide by 1)
Calculate FVCO as given by FVCO = FOUT x FLL1_OUTDIV:-
FVCO = 12.288 x 8 = 98.304MHz
Calculate N.K as given by N.K = FVCO / (FLL1_FRATIO x FREF):
N.K = 98.304 / (1 x 12) = 8.192
Determine FLL1_N and FLL1_K from the integer and fractional portions of N.K:-
FLL1_N is 8. FLL1_K is 0.192
Convert FLL1_K into integer format:
0.192 x 65536 = 12582.912 (decimal).
Round off to 12583 (decimal) and convert to hex:
12583 (decimal) = 3127 (hex).
FLL1_K = 3127h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com