Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 211 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 211 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 207Page - Cirrus Logic WM8994ECS/R Datasheet HTML 208Page - Cirrus Logic WM8994ECS/R Datasheet HTML 209Page - Cirrus Logic WM8994ECS/R Datasheet HTML 210Page - Cirrus Logic WM8994ECS/R Datasheet HTML 211Page - Cirrus Logic WM8994ECS/R Datasheet HTML 212Page - Cirrus Logic WM8994ECS/R Datasheet HTML 213Page - Cirrus Logic WM8994ECS/R Datasheet HTML 214Page - Cirrus Logic WM8994ECS/R Datasheet HTML 215Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 363 page
background image
WM8994
Rev 4.6
211
SAMPLE RATE CONVERTER CONFIGURATION ERROR INDICATION
The WM8994 verifies the register settings relating to Clocking, Sample Rates and Sample Rate
Conversion. If an invalid configuration is attempted, then the SR_ERROR register will indicate the
error by showing a non-zero value. This read-only field may be checked to confirm that the WM8994
can support the selected Clocking and Sample Rate settings.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R530 (0212h)
Rate Status
3:0
SR_ERROR
[3:0]
0000
Sample Rate Configuration status
Indicates an error with the register settings
related to sample rate configuration
0000 = No errors
0001 = Invalid sample rate
0010 = Invalid AIF divide
0011 = ADC and DAC divides both set in an
interface
0100 = Invalid combination of AIF divides
and sample-rate
0101 = Invalid set of enables for 96kHz
mode
0110 = Invalid SYSCLK rate (derived from
AIF1CLK_RATE or AIF2CLK_RATE)
0111 = Mixed ADC and DAC rates in
SYSCLK AIF when AIFs are asynchronous
1000 = Invalid combination of sample rates
when both AIFs are from the same clock
source
1001 = Invalid combination of mixed
ADC/DAC AIFs when both from the same
clock source
1010 = AIF1DAC2 (Timeslot 1) ports enabled
when SRCs connected to AIF1
Table 116 Sample Rate Converter Configuration Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com