Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 209 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 209 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 205Page - Cirrus Logic WM8994ECS/R Datasheet HTML 206Page - Cirrus Logic WM8994ECS/R Datasheet HTML 207Page - Cirrus Logic WM8994ECS/R Datasheet HTML 208Page - Cirrus Logic WM8994ECS/R Datasheet HTML 209Page - Cirrus Logic WM8994ECS/R Datasheet HTML 210Page - Cirrus Logic WM8994ECS/R Datasheet HTML 211Page - Cirrus Logic WM8994ECS/R Datasheet HTML 212Page - Cirrus Logic WM8994ECS/R Datasheet HTML 213Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 363 page
background image
WM8994
Rev 4.6
209
SAMPLE RATE CONVERSION
The WM8994 supports two main digital audio interfaces, AIF1 and AIF2. These interfaces are
configured independently and may operate entirely asynchronously to each other. The WM8994
performs stereo full-duplex sample rate conversion between the audio interfaces, allowing digital
audio to be routed between the interfaces, and allowing asynchronous audio data to be mixed
together.
The Sample Rate Converters (SRCs) are configured automatically within the WM8994, and no user
settings are required. The SRCs are enabled automatically when required and are disabled at other
times. Synchronisation between the audio interfaces is not instantaneous when the clocking or sample
rate configurations are updated; the lock status of the SRCs is signalled via the GPIO or Interrupt
circuits, as described in “General Purpose Input/Output” and “Interrupts”.
Separate clocks can be used for AIF1 and AIF2, allowing asynchronous operation on these interfaces.
The digital mixing core is clocked by SYSCLK, which is linked to either AIF1CLK or AIF2CLK, as
described in “Clocking and Sample Rates”. The digital mixing core is, therefore, always synchronised
to AIF1, or to AIF2, or to both interfaces at once.
SAMPLE RATE CONVERTER 1 (SRC1)
SRC1 performs sample rate conversion of digital audio data input to the WM8994. Sample Rate
Conversion is required when digital audio data is received on an audio interface that is not
synchronised to the digital mixing core.
SRC1 is automatically configured on AIF1 or AIF2, depending on the selected Clocking and Sample
Rate configuration. Note that SRC1 cannot convert input data on AIF1 and AIF2 simultaneously.
Sample Rate conversion on AIF1 is only supported on TDM Timeslot 0.
The SRC1 Lock status indicates when audio data can be received on the interface channel that is not
synchronised to the digital mixing core. No audio will be present on this signal path until SRC1 Lock is
achieved.
SAMPLE RATE CONVERTER 2 (SRC2)
SRC2 performs sample rate conversion of digital audio data output from the WM8994. Sample Rate
Conversion is required when digital audio data is transmitted on an audio interface that is not
synchronised to the digital mixing core.
SRC2 is automatically configured on AIF1 or AIF2, depending on the selected Clocking and Sample
Rate configuration. Note that SRC2 cannot convert output data on AIF1 and AIF2 simultaneously.
Sample Rate conversion on AIF1 is only supported on TDM Timeslot 0.
The SRC2 Lock status indicates when audio data can be transmitted on the interface channel that is
not synchronised to the digital mixing core. No audio will be present on this signal path until SRC2
Lock is achieved.
SAMPLE RATE CONVERTER RESTRICTIONS
The following restrictions apply to the configuration of the WM8994 Sample Rate Converters.
No SRC on AIF1 Timeslot 1. Sample Rate Conversion on audio interface AIF1 is not supported on
the TDM Timeslot 1. Therefore, it is not possible to route digital audio between AIF1 Timeslot 1 and
AIF2, or to mix together audio from these interface paths. Note that this only applies when the SRC is
applied to AIF1.
Maximum of three sample rates in the system. The audio sample rate of AIF1 input and AIF1
output may be different to each other. The audio sample rate of AIF2 input and AIF2 output may be
different to each other. However, it is not possible to have four different sample rates operating
simultaneously, as this would require sample rate conversion in too many paths. A maximum of three
different sample rates can be supported in the system.
No SRC capability when using 88.2kHz or 96kHz AIF input (DAC playback). If either interface is
configured for 88.2kHz or 96kHz sample rate, then the digital mixing core must also be configured for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com