Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 216 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 216 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 212Page - Cirrus Logic WM8994ECS/R Datasheet HTML 213Page - Cirrus Logic WM8994ECS/R Datasheet HTML 214Page - Cirrus Logic WM8994ECS/R Datasheet HTML 215Page - Cirrus Logic WM8994ECS/R Datasheet HTML 216Page - Cirrus Logic WM8994ECS/R Datasheet HTML 217Page - Cirrus Logic WM8994ECS/R Datasheet HTML 218Page - Cirrus Logic WM8994ECS/R Datasheet HTML 219Page - Cirrus Logic WM8994ECS/R Datasheet HTML 220Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 363 page
background image
WM8994
216
Rev 4.6
Device ID
A
P
MSByte Data N
(1)
LSByte Data N
A
S
A
A
MSByte Data 0
LSByte Data 0
A
A
MSByte Data N-1
LSByte Data N-1
A
A
Read from 'Last Register Address'
Read from 'Last Register Address+N'
Read from 'Last Register Address+N-1'
MSByte Data 1
LSByte Data 1
A
A
Read from 'Last Register Address+1'
RW
Figure 78 Multiple Register Read from Last Address using Auto-increment
Multiple Write and Multiple Read operations enable the host processor to access sequential blocks of
the data in the WM8994 register map faster than is possible with single register operations. The auto-
increment option is enabled when the AUTO_INC register bit is set. This bit is defined in Table 118.
Auto-increment is enabled by default.
3-WIRE (SPI) CONTROL MODE
The 3-wire control interface uses the CS
¯¯ , SCLK and SDA pins.
In 3-wire control mode, a control word consists of 32 bits. The first bit is the read/write bit (R/W), which
is followed by 15 address bits (A14 to A0) that determine which control register is accessed. The
remaining 16 bits (B15 to B0) are data bits, corresponding to the 16 bits in each control register.
In 3-wire mode, every rising edge of SCLK clocks in one data bit from the SDA pin. A rising edge on
CS
¯¯ latches in a complete control word consisting of the last 32 bits.
In Write operations (R/W=0), all SDA bits are driven by the controlling device.
In Read operations (R/W=1), the SDA pin is driven by the controlling device to clock in the register
address, after which the WM8994 drives the SDA pin to output the applicable data bits.
During data output, the SDA pin can be configured as CMOS or Open Drain, using the SPI_CFG
register bit, as described in Table 118. In Open Drain configuration, an external pull-up resistor is
required to pull the SDA line high so that the logic 1 can be recognised by the master.
When SPI Continuous Read mode is enabled (SPI_CONTRD = 1), the WM8994 will readback from
incremental register addresses as long as CS
¯¯ is held low and SCLK is toggled. In this mode, the
WM8994 will increment the readback address after the first 32 clock cycles, and will output data from
the next register address, and successive register addresses, MSB first, for as long as CS
¯¯ is held low
and SCLK is toggled.
An internal pull-down resistor is enabled by default on the CS
¯¯ /ADDR pin; this can be configured using
the CSNADDR_PD register bit described in Table 118.
The 3-wire control mode timing is illustrated in Figure 79.
R/W
A14
A13
A12
A2
A1
SDA
SCLK
CS
15-bit control register address
16-bit control register data
A0
B15
B14
B13
B2
B0
B1
Figure 79 3-Wire Serial Control Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com