Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 220 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 220 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 216Page - Cirrus Logic WM8994ECS/R Datasheet HTML 217Page - Cirrus Logic WM8994ECS/R Datasheet HTML 218Page - Cirrus Logic WM8994ECS/R Datasheet HTML 219Page - Cirrus Logic WM8994ECS/R Datasheet HTML 220Page - Cirrus Logic WM8994ECS/R Datasheet HTML 221Page - Cirrus Logic WM8994ECS/R Datasheet HTML 222Page - Cirrus Logic WM8994ECS/R Datasheet HTML 223Page - Cirrus Logic WM8994ECS/R Datasheet HTML 224Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 363 page
background image
WM8994
220
Rev 4.6
WSEQ_DATA_STARTn is a 4-bit field which identifies the LSB position within the selected Control
Register to which the data should be written. For example, setting WSEQ_DATA_STARTn = 0100 will
select bit 4 as the LSB position; in this case, 4-bit data would be written to bits 7:4.
WSEQ_DATA_WIDTHn is a 3-bit field which identifies the width of the data block to be written. This
enables selected portions of a Control Register to be updated without any concern for other bits within
the same register, eliminating the need for read-modify-write procedures. Values of 0 to 7 correspond
to data widths of 1 to 8 respectively. For example, setting WSEQ_DATA_WIDTHn = 010 will cause a
3-bit data block to be written. Note that the maximum value of this field corresponds to an 8-bit data
block; writing to register fields greater than 8 bits wide must be performed using two separate
operations of the Control Write Sequencer.
WSEQ_DELAYn is a 4-bit field which controls the waiting time between the current step and the next
step in the sequence i.e. the delay occurs after the write in which it was called. The total delay time
per step (including execution) is defined below, giving a useful range of execution/delay times from
562
s up to 2.048s per step:
T = k × (2 WSEQ_DELAY + 8)
where k = 62.5
s (under recommended operating conditions)
WSEQ_EOSn is a 1-bit field which indicates the End of Sequence. If this bit is set, then the Control
Write Sequencer will automatically stop after this step has been executed.
The register definitions for Step 0 are described in Table 122. The equivalent definitions also apply to
Step 1 through to Step 127, in the subsequent register address locations.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R12288
(3000h)
Write
Sequencer 0
13:0
WSEQ_ADDR
0 [13:0]
0000h
Control Register Address to be written to
in this sequence step.
R12289
(3001h)
Write
Sequencer 1
7:0
WSEQ_DATA
0 [7:0]
00h
Data to be written in this sequence step.
When the data width is less than 8 bits,
then one or more of the MSBs of
WSEQ_DATAn are ignored. It is
recommended that unused bits be set to
0.
R12290
(3002h)
Write
Sequencer 2
10:8
WSEQ_DATA
_WIDTH0 [2:0]
000
Width of the data block written in this
sequence step.
000 = 1 bit
001 = 2 bits
010 = 3 bits
011 = 4 bits
100 = 5 bits
101 = 6 bits
110 = 7 bits
111 = 8 bits
3:0
WSEQ_DATA
_START0 [3:0]
0000
Bit position of the LSB of the data block
written in this sequence step.
0000 = Bit 0
…
1111 = Bit 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com