Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 218 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 218 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 214Page - Cirrus Logic WM8994ECS/R Datasheet HTML 215Page - Cirrus Logic WM8994ECS/R Datasheet HTML 216Page - Cirrus Logic WM8994ECS/R Datasheet HTML 217Page - Cirrus Logic WM8994ECS/R Datasheet HTML 218Page - Cirrus Logic WM8994ECS/R Datasheet HTML 219Page - Cirrus Logic WM8994ECS/R Datasheet HTML 220Page - Cirrus Logic WM8994ECS/R Datasheet HTML 221Page - Cirrus Logic WM8994ECS/R Datasheet HTML 222Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 363 page
background image
WM8994
218
Rev 4.6
CONTROL WRITE SEQUENCER
The Control Write Sequencer is a programmable unit that forms part of the WM8994 control interface
logic. It provides the ability to perform a sequence of register write operations with the minimum of
demands on the host processor - the sequence may be initiated by a single operation from the host
processor and then left to execute independently.
Default sequences for Start-Up of each output driver and Shut-
Down are provided (see “Default
Sequences
” section). It is recommended that these default sequences are used unless changes
become necessary.
When a sequence is initiated, the sequencer performs a series of pre-defined register writes. The host
processor informs the sequencer of the start index of the required sequence within the sequencer’s
memory. At each step of the sequence, the contents of the selected register fields are read from the
sequencer’s memory and copied into the WM8994 control registers. This continues sequentially
through the sequencer’s memory until an “End of Sequence” bit is encountered; at this point, the
sequencer stops and an Interrupt status flag is asserted. For cases where the timing of the write
sequence is important, a programmable delay can be set for specific steps within the sequence.
Note that the Control Write Sequencer’s internal clock is derived from the internal clock SYS_CLK
which must be enabled as described in
“Clocking and Sample Rates”. The clock division from
SYS_CLK is handled transparently by the WM8994 without user intervention, provided that SYS_CLK
is configured as specified in
“Clocking and Sample Rates”.
INITIATING A SEQUENCE
The Register fields associated with running the Control Write Sequencer are described in Table 121.
Note that the operation of the Control Write Sequencer also requires the internal clock SYS_CLK to
be configured as described in
“Clocking and Sample Rates”.
The Write Sequencer is enabled by setting the WSEQ_ENA bit. The start index of the required
sequence must be written to the WSEQ_START_INDEX field.
The Write Sequencer stores up to 128 register write commands. These are defined in Registers
R12288 to R12799. There are 4 registers used to define each of the 128 possible commands. The
value of WSEQ_START_INDEX selects the registers applicable to the first write command in the
selected sequence.
Setting the WSEQ_START bit initiates the sequencer at the given start index. The Write Sequencer
can be interrupted by writing a logic 1 to the WSEQ_ABORT bit.
The current status of the Write Sequencer can be read using two further register fields - when the
WSEQ_BUSY bit is asserted, this indicates that the Write Sequencer is busy. Note that, whilst the
Control Write Sequencer is running a sequence (indicated by the WSEQ_BUSY bit), normal read/write
operations to the Control Registers cannot be supported. The index of the current step in the Write
Sequencer can be read from the WSEQ_CURRENT_INDEX field; this is an indicator of the
sequencer’s progress. On completion of a sequence, this field holds the index of the last step within
the last commanded sequence.
When the Write Sequencer reaches the end of a sequence, it asserts the WSEQ_DONE_EINT flag in
Register R1841 (see Table 86). This flag can be used to generate an Interrupt Event on completion of
the sequence. Note that the WSEQ_DONE_EINT flag is asserted to indicate that the WSEQ is NOT
Busy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com